Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5312Q Datasheet (PDF) - List of Unclassifed Manufacturers

EN5312Q Datasheet PDF - List of Unclassifed Manufacturers
Part # EN5312Q
Download  EN5312Q Download
File Size   253.13 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module

EN5312Q Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5312Q Datasheet PDF - List of Unclassifed Manufacturers

Part # EN5312Q
Download  EN5312Q Click to download

File Size   253.13 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module

EN5312Q Datasheet (HTML) - List of Unclassifed Manufacturers


EN5312Q Product details

[Enpirion, Inc.]

Product Overview
The Ultra-Low-Profile EN5312Q is targeted to applications where board area and profile are critical. EN5312Q is a complete power conversion solution requiring only two low cost ceramic MLCC caps. Inductor, MOSFETS, PWM, and compensation are integrated into a tiny 4mm x 5mm x 1.1mm QFN package. Engineered to minimize all sources of converter noise, the EN5312Q eases design and layout constraints. 5 MHz switching frequency and internal type III compensation provides superior transient response. With a 1.1 mm profile, the entire layout can occupy as little as 28mm2 of board area.

Product Highlights
• Revolutionary integrated inductor
• Total footprint as small as 28mm2
• Only two low cost MLCC caps required.
• Very low solution profile at 1.1mm.
• 4mm x 5mm x1.1mm QFN package
• Wide 2.4V to 5.5V input range.
• 1000mA output current.
• Less than 1 µA standby current.
• High efficiency, up to 95%.
• Very low ripple voltage; < 10mV
• 3 Pin VID Voltage select scheme.
• External divider option.
• 5 MHz switching frequency
• 2% accuracy over line, load, & temp.
• Short circuit, UVLO, and thermal protection.
• Stable with up to 100uF output capacitance.

Applications
• Area constrained applications
• Set top box/home gateway
• Smart phones and PDAs.
• VoIP and Video phones
• Personal Media Players.
• Advanced Mobile Processors, DSP, IO, Memory, Video, Multimedia Engines.




Similar Part No. - EN5312Q

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
Integrated Inductor
More results


Similar Description - EN5312Q

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com