Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5312Q Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EN5312Q
Description  Fully Integrated Voltage Mode Synchronous Buck PWM DC-DC Converter Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EN5312Q Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EN5312Q Datasheet HTML 3Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 4Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 5Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 6Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 7Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 8Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 9Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 10Page - List of Unclassifed Manufacturers EN5312Q Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev. 0.87 – January 2006
EN5312Q
Application Information
Output Voltage Select
To provide the highest degree of flexibility in
choosing output voltage, the EN5312Q family uses
a 3 pin VID, or Voltage ID, voltage select
arrangement.
This allows the designer to choose
one of seven preset voltages, or to use an external
voltage divider. Internally, the output of the VID
multiplexer sets the value for the voltage reference
DAC, which in turn is connected to the non-
inverting input of the error amplifier. This allows
the use of a single feedback divider with constant
loop gain and optimum compensation, independent
of the output voltage selected.
7
VS2
VS1
VS0
VOUT
0
0
0
3.3V
0
0
1
2.5V
0
1
0
1.8V
0
1
1
1.5V
1
0
0
1.25V
1
0
1
1.2V
1
1
0
0.8V
1
1
1
User
Selectable
Table 1 shows the various VS0-VS2 pin logic states
and the associated output voltage levels. A logic
“1” indicates a connection to VIN or to a “high”
logic voltage level. A logic “0” indicates a
connection to ground or to a “low” logic voltage
level. These pins can be either hardwired to VIN or
GND or alternatively can be driven by standard
logic levels. Logic low is defined as VLOW ≤ 0.4V.
Logic high is defined as VHIGH ≥ 1.4V. Any level
between these two values is indeterminate.
External Voltage Divider
As described above, the external voltage divider
option is chosen by connecting the VS0, VS1, and
VS2 pins to VIN or logic “high”. The EN5312Q
uses a separate feedback pin, VFB, when using the
external divider. VSENSE must be connected to
VOUT as indicated in Figure 6.
V
IN
V
Sense
V
in
V
S1
V
S2
V
S0
10
µF
4.7uF
V
OUT
V
out
GND
ENABLE
Ra
Rb
V
FB
Figure 6. External Divider.
The output voltage is selected by the following
formula:
(
)
Rb
Ra
OUT
V
V
+
=
1
6
.
0
Ra must be chosen as 200KΩ to maintain loop gain.
Then Rb is given as:
Ω
−
=
6
.
0
10
2
.
1
5
OUT
b
V
x
R
Table 1. Voltage select settings.
Dynamically Adjustable Output
The EN5312Q is designed to allow for dynamic
switching between the predefined VID voltage
levels, or between the predefined output levels and
an external divider. The inter-voltage slew rate is
optimized
to
prevent
excess
undershoot
or
overshoot as the output voltage levels transition.
The slew rate is identical to the soft-start slew rate
of 2mV/uS.
Input and Output Capacitors
The input capacitance requirement is 4.7uF.
Enpirion recommends that a low ESR MLCC
capacitor be used. The input capacitor must use a
X5R or X7R dielectric formulation.
Y5V or
equivalent dielectric formulations loose capacitance
Rev. 0.87 – January 2006
www.enpirion.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com