Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2712G Datasheet (PDF) - AiT Semiconductor Inc.

2SC2712G Datasheet PDF - AiT Semiconductor Inc.
Part # 2SC2712G
Download  2SC2712G Download
File Size   644.62 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V

2SC2712G Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2712G Datasheet PDF - AiT Semiconductor Inc.

Part # 2SC2712G
Download  2SC2712G Click to download

File Size   644.62 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V

2SC2712G Datasheet (HTML) - AiT Semiconductor Inc.




Similar Part No. - 2SC2712G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2712G-X-AE3-R UTC-2SC2712G-X-AE3-R Datasheet
206Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
2SC2712G-X-AL3-R UTC-2SC2712G-X-AL3-R Datasheet
206Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
logo
Weitron Technology
2SC2712GR WEITRON-2SC2712GR Datasheet
338Kb / 5P
Silicon NPN Transistors
logo
SHIKUES Electronics
2SC2712GR SKTECHNOLGY-2SC2712GR Datasheet
2Mb / 4P
Low Noise, Complementary to 2SA1162
logo
Toshiba Semiconductor
2SC2712GRTE85L TOSHIBA-2SC2712GRTE85L Datasheet
270Kb / 5P
Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SC2712G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T Datasheet
115Kb / 3P
150mW NPN General Purpose Amplifier
MMBT3904T MCC-MMBT3904T_11 Datasheet
221Kb / 3P
150mW NPN General Purpose Amplifier
logo
Rohm
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
PNP -150mA -50V General Purpose Transistors
2SA2029 ROHM-2SA2029 Datasheet
2Mb / 16P
General Purpose Transistor (-50V, -150mA)
logo
Micro Commercial Compon...
MMBT3904T MCC-MMBT3904T_13 Datasheet
249Kb / 3P
NPN General Purpose Amplifier 150mW
logo
Rohm
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
General Purpose Transistor (-50V, -150mA)
logo
AiT Semiconductor Inc.
C945H AITSEMI-C945H Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945L AITSEMI-C945L Datasheet
456Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
General purpose Transistor (50V, 150mA)
20221201 - Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com