Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1032R Datasheet (PDF) - Vishay Siliconix

SI1032R Datasheet PDF - Vishay Siliconix
Part # SI1032R
Download  SI1032R Download
File Size   135.61 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 1.5 V (G-S) MOSFET

SI1032R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1032R Datasheet PDF - Vishay Siliconix

Part # SI1032R
Download  SI1032R Click to download

File Size   135.61 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 1.5 V (G-S) MOSFET

SI1032R Datasheet (HTML) - Vishay Siliconix


SI1032R Product details

• Halogen-free According to IEC 61249-2-21
Definition
• Low-Side Switching
• Low On-Resistance: 5 Ω
• Low Threshold: 0.9 V (typ.)
• Fast Switching Speed: 35 ns
• TrenchFET® Power MOSFETs: 1.5 V Rated
• 2000 V ESD Protection
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI1032R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R Datasheet
53Kb / 4P
N-Channel 20-V (D-S) MOSFET
29-Mar-04
SI1032R VISHAY-SI1032R Datasheet
121Kb / 5P
N-Channel 1.5-V (G-S) MOSFET
07-Jul-08
SI1032R VISHAY-SI1032R Datasheet
199Kb / 9P
N-Channel 1.5 V (G-S) MOSFET
08-Nov-10
logo
TECH PUBLIC Electronics...
SI1032R TECHPUBLIC-SI1032R Datasheet
912Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1032R-T1 VISHAY-SI1032R-T1 Datasheet
53Kb / 4P
N-Channel 20-V (D-S) MOSFET
29-Mar-04
More results


Similar Description - SI1032R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
P-Channel 1.5-V (G-S) MOSFET
18-Oct-04
SI1032R VISHAY-SI1032R_08 Datasheet
121Kb / 5P
N-Channel 1.5-V (G-S) MOSFET
07-Jul-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
P-Channel 1.5-V (G-S) MOSFET
18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
P-Channel 1.5-V (G-S) MOSFET
04-Feb-08
SI5920DC VISHAY-SI5920DC Datasheet
111Kb / 7P
Dual N-Channel 1.5-V (G-S) MOSFET
07-May-07
SI1032R VISHAY-SI1032R_10 Datasheet
199Kb / 9P
N-Channel 1.5 V (G-S) MOSFET
08-Nov-10
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
P-Channel 1.5-V (G-S) MOSFET
08-Sep-08
SI8404DB VISHAY-SI8404DB Datasheet
260Kb / 8P
N-Channel 1.5-V (G-S) MOSFET
08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
P-Channel 1.5 V (G-S) MOSFET
13-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com