Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1032R Datasheet (PDF) - Vishay Siliconix

SI1032R Datasheet PDF - Vishay Siliconix
Part # SI1032R
Download  SI1032R Download
File Size   53.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20-V (D-S) MOSFET

SI1032R Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1032R Datasheet PDF - Vishay Siliconix

Part # SI1032R
Download  SI1032R Click to download

File Size   53.62 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20-V (D-S) MOSFET

SI1032R Datasheet (HTML) - Vishay Siliconix


SI1032R Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• Low-Side Switching
• Low On-Resistance: 5 
• Low Threshold: 0.9 V (typ.)
• Fast Switching Speed: 35 ns
• TrenchFET® Power MOSFETs: 1.5 V Rated
• 2000 V ESD Protection
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Ease in Driving Switches
• Low Offset (Error) Voltage
• Low-Voltage Operation
• High-Speed Circuits
• Low Battery Voltage Operation

APPLICATIONS
• Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories
• Battery Operated Systems
• Power Supply Converter Circuits
• Load/Power Switching Cell Phones, Pagers




Similar Part No. - SI1032R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1032R VISHAY-SI1032R Datasheet
121Kb / 5P
N-Channel 1.5-V (G-S) MOSFET
07-Jul-08
SI1032R VISHAY-SI1032R Datasheet
199Kb / 9P
N-Channel 1.5 V (G-S) MOSFET
08-Nov-10
SI1032R VISHAY-SI1032R Datasheet
135Kb / 7P
N-Channel 1.5 V (G-S) MOSFET
08-Nov-10
logo
TECH PUBLIC Electronics...
SI1032R TECHPUBLIC-SI1032R Datasheet
912Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1032R-T1-E3 VISHAY-SI1032R-T1-E3 Datasheet
121Kb / 5P
N-Channel 1.5-V (G-S) MOSFET
07-Jul-08
More results


Similar Description - SI1032R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com