| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCV8184
|
143Kb / 14P |
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15 |
|
CS8182
|
109Kb / 12P |
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23 |
|
NCV8184
|
185Kb / 13P |
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18 |
|
CS8182
|
154Kb / 12P |
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27 |
|
CS8183
|
140Kb / 8P |
Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18 |
 Toshiba Semiconductor |
TCR6DA1528
|
309Kb / 17P |
200 mA Dual Outputs CMOS Low-Dropout Regulator
|
 Texas Instruments |
LP2987
|
1Mb / 30P |
Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
|
 ON Semiconductor |
NCV8184
|
419Kb / 20P |
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27 |
|
CS8182
|
115Kb / 12P |
Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28 |
|
NCV8182C
|
244Kb / 12P |
Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1 |