Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8183 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 5 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS8183
http://onsemi.com
5
CIRCUIT DESCRIPTION
ENABLE Function
By pulling the VREF/ENABLE 1, 2 lead below 2.0 V
typically, (see Figure 10 or Figure 11), the IC is disabled and
enters a sleep state where the device draws less than 30
µA
from supply. When the VREF/ENABLE lead is greater than
2.75 V, VOUT tracks the VREF/ENABLE lead normally.
Output Voltage
Figures 7 through 12 only display one channel of the
device for simplicity. The configurations shown apply
for both channels.
The outputs are capable of supplying 200 mA to the load
while configured as a similiar (Figure 7), lower (Figure 9),
or higher (Figure 8) voltage as the reference lead. The Adj
lead acts as the inverting terminal of the op amp and the
VREF lead as the non−inverting.
The device can also be configured as a high−side driver as
displayed in Figure 12.
Figure 7. Tracking Regulator at the Same Voltage
Figure 8. Tracking Regulator at Higher Voltages
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
5.0 V
B+
C1*
1.0
mF
C2**
10
mF
VOUT, 200 mA
VOUT + VREF
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
VREF
B+
C1*
1.0
mF
C2**
10
mF
VOUT, 200 mA
RA
RF
VOUT + VREF(1 )
RE
RA
)
C3***
10 nF
C3***
10 nF
Figure 9. Tracking Regulator at Lower Voltages
Figure 10. Tracking Regulator with ENABLE Circuit
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
VREF
B+
C1*
1.0
mF
C2**
10
mF
VOUT, 200 mA
VOUT + VREF(
R2
R1
) R2
)
R2
R1
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
from MCU
VREF
B+
C1*
1.0
mF
C2**
10
mF
VOUT, 200 mA
R
C3***
10 nF
C3***
10 nF
Figure 11. Alternative ENABLE Circuit
Figure 12. High−Side Driver
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
10
mF
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
MCU
B+
200 mA
VOUT + B )* VSAT
** C2 is required for stability.
* C1 is required if the regulator is far from the power source filter.
5.0 V
I/O
NCV8501
6.0 V−40 V
VIN
100 nF
VREF (5.0 V)
mC
To Load
(e.g. sensor)
C1*
1.0
mF
C3***
10 nF
C3***
10 nF
*** C3 is recommended for EMC susceptibility



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com