Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7205UHP Datasheet (PDF) - NXP Semiconductors

BTS7205UHP Datasheet PDF - NXP Semiconductors
Part # BTS7205UHP
Download  BTS7205UHP Download
File Size   334.27 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass

BTS7205UHP Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS7205UHP Datasheet PDF - NXP Semiconductors

Part # BTS7205UHP
Download  BTS7205UHP Click to download

File Size   334.27 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.3 GHz - 4.2 GHz RX Analog Front-End IC with bypass

BTS7205UHP Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BTS7205UHP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7205HHP NXP-BTS7205HHP Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
More results


Similar Description - BTS7205UHP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4500F TOSHIBA-TA4500F Datasheet
335Kb / 12P
1.9 GHz Band RX Front-End IC
logo
SiGe Semiconductor, Inc...
SE7351L SIGE-SE7351L Datasheet
57Kb / 2P
3.3-3.8 GHz Front-End Transceiver
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
logo
NXP Semiconductors
BTS7203H NXP-BTS7203H Datasheet
343Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC
Rev. 7.1-12 October 2021
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
BTS7205H NXP-BTS7205H Datasheet
348Kb / 22P
2.3 GHz ??2.7 GHz RX Analog Front-End IC with bypass
Rev. 9-12 October 2021
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
NXP Semiconductors
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com