Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G574 Datasheet (PDF) - Global Mixed-mode Technology Inc

G574 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G574
Download  G574 Download
File Size   330.07 Kbytes
Page   14 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Dual-Slot PCMCIA/CardBus Power Controller

G574 Datasheet (PDF)

Go To PDF Page Download Datasheet
G574 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G574
Download  G574 Click to download

File Size   330.07 Kbytes
Page   14 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Dual-Slot PCMCIA/CardBus Power Controller

G574 Datasheet (HTML) - Global Mixed-mode Technology Inc


G574 Product details

Description

The G574 PC Card power-interface switch provides an integrated power-management solution for two PC Cards. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection for PC Card control are combined on a single integrated circuit (IC).



Features

„  Backward Compatible with G570

„  Fully Integrated VCCand VppSwitching for Dua Slot PC CardTM Interface

„  3-Lead Serial Interface Compatible With CardBusTM Controllers

„  3.3V Low Voltage Mode

„  Meets PC Card Standards

„  RESET for System Initialization of PC Cards

„  12V Supply Can Be Disabled Except During  12V Flash Programming

„  Short Circuit and Thermal Protection

„  30 Pin SSOP 

„  Compatible With 3.3V, 5V and 12V PC Cards

„  Low RDS(on)(180-mΩ5V VCC Switch; 130 mΩ3.3V VCC Switch)

„  Break-Before-Make Switching

„  Internal power-On Reset

„  Standby mode: 60mA current limit (TYP)



Application

„  Notebook PC

„  Electronic Dictionary

„  POS




Similar Part No. - G574

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G574SA GMT-G574SA Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
G574SAF GMT-G574SAF Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
More results


Similar Description - G574

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com