Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2563A Datasheet (PDF) - Micrel Semiconductor

MIC2563A Datasheet PDF - Micrel Semiconductor
Part # MIC2563A
Download  MIC2563A Download
File Size   113.93 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Slot PCMCIA/CardBus Power Controller Preliminary Information

MIC2563A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2563A Datasheet PDF - Micrel Semiconductor

Part # MIC2563A
Download  MIC2563A Click to download

File Size   113.93 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual Slot PCMCIA/CardBus Power Controller Preliminary Information

MIC2563A Datasheet (HTML) - Micrel Semiconductor


MIC2563A Product details

General Description
The MIC2563A dual-slot PCMCIA (Personal Computer Memory Card International Association) and CardBus power controller handles all PC Card slot power supply pins, both VCC and VPP. The MIC2563A switches between the three VCC voltages (0V, 3.3V and 5.0V) and the VPP voltages (OFF, 0V, 3.3V, 5V or 12.0V) required by PC Cards. The MIC2563A switches voltages from the system power supply to VCC and VPP. Output voltage is selected by two digital inputs each and output current ranges up to 1A for VCC and 250mA for VPP.

Features
• Single package controls two PC Card slots
• High-efficiency, low-resistance switches require no 12V bias supply
• No external components required
• Output current limit and overtemperature shutdown
• Ultra-low power consumption
• Complete dual-slot PC Card/CardBus VCC and VPP switch matrix in a single package
• Logic compatible with industry standard PC Card logic controllers
• No voltage shoot-through or switching transients
• Break-before-make switching
• Digital selection of VCC and VPP voltages
• Over 1A VCC output current for each section
• Over 250mA VPP output current for each section
• Lead-free 28-pin SSOP package
• UL recognized, file #179633

Applications
• Dual-slot PC card power supply pin voltage switch
• CardBus slot power supply control
• Data collection systems
• Machine control data input systems
• Wireless communications
• Bar code data collection systems
• Instrumentation configuration/datalogging
• Docking stations (portable and desktop)
• Power supply management
• Power analog switching




Similar Part No. - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2563A-0BSM MICREL-MIC2563A-0BSM Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-0YSM MICREL-MIC2563A-0YSM Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1BSM MICREL-MIC2563A-1BSM Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A-1YSM MICREL-MIC2563A-1YSM Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
More results


Similar Description - MIC2563A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
G574 GMT-G574 Datasheet
330Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
Dual Serial PCMCIA/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
Dual-Slot PC Card/CardBus Power Controller Preliminary
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com