Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAFE11388 Datasheet (PDF) - NXP Semiconductors

NAFE11388 Datasheet PDF - NXP Semiconductors
Part # NAFE11388
Download  NAFE11388 Download
File Size   226.53 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body

NAFE11388 Datasheet (PDF)

Go To PDF Page Download Datasheet
NAFE11388 Datasheet PDF - NXP Semiconductors

Part # NAFE11388
Download  NAFE11388 Click to download

File Size   226.53 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body

NAFE11388 Datasheet (HTML) - NXP Semiconductors


NAFE11388 Product details

General description
NAFE11388 is a highly configurable industrial grade multi-channel universal input Analog
Front-End (AFE) that meets high-precision measurement requirements. The device
integrates low-leakage high-voltage fast multiplexers, low offset and low drift PGA and
buffers, a precision and high data rate 24-bit Delta Sigma ADC and a low-drift voltage
reference. The analog high voltage (HV) input pins are diode-protected internally for EMC and wire misuse scenarios; NAFE11388 is equipped with diagnostic circuits for functional safety, condition monitoring and fault detection. Two precise voltage sources are made available for end-to-end system self-calibration and anomaly detection for predictive maintenance. NAFE11388 is designed to be used in programmable logic controllers (PLC), I/O modules, data loggers, instrumentation, high precision sensors and data acquisition systems.

Features and benefits
• 8 configurable HV inputs
– Single-ended or differential with ranges up to ±25 V
– Configurable for voltage, current, resistance, RTD, thermocouples
– Overvoltage protection up to ±36 V
• Fast data rates
– 7.5 SPS to 288 kSPS
• Diagnostic system for fault detection and prediction
• CRC error detection
• Operating temperature range: -40 ℃ to +125 ℃
• Package: 64 pin, 9 mm × 9 mm × 0.85 mm VQFN

Applications
• Data acquisition systems
• PLC, DCS I/O modules
• Industrial automation and process control




Similar Part No. - NAFE11388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
1Mb / 111P
Universal ±25 V 8-Input Low Power AFE
Rev. 1 - 4 November 2022
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 112P
Universal ±25 V 8-Input Low Power AFE
Rev. 2 - 21 March 2023
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
NAFE11388B40BS NXP-NAFE11388B40BS Datasheet
1Mb / 112P
Universal ±25 V 8-Input High Speed AFE
Rev. 1 - 4 November 2022
More results


Similar Description - NAFE11388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT545-3 PHILIPS-SOT545-3 Datasheet
15Kb / 1P
plastic thermal enganced thin quad flat package; 48 leads; body 7 x 7 x 1 mm; exposed die pad
2004 Feb 05
SOT765-1 PHILIPS-SOT765-1 Datasheet
13Kb / 1P
plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
2002 Jun 07
logo
Analog Devices
CP-40-1 AD-CP-40-1 Datasheet
76Kb / 1P
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6 x 6 mm Body, Very Thin Quad
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
NXP Semiconductors
SOT486-1 NXP-SOT486-1 Datasheet
242Kb / 1P
plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
2008
SOT926-1 PHILIPS-SOT926-1 Datasheet
239Kb / 1P
plastic thin fine-pitch ball grid array package; 100 balls; body 9 x 9 x 0.7 mm
2009
logo
ILSI America LLC
I523 ILSI-I523 Datasheet
43Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
I525 ILSI-I525 Datasheet
44Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Metal Package, 9 mm x 11 mm
ISM61 ILSI-ISM61 Datasheet
104Kb / 2P
9 mm x 14 mm Plastic Package SMD Oscillator, TTL / HC-MOS
ISM65 ILSI-ISM65 Datasheet
51Kb / 2P
9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com