Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAFE11388 Datasheet (PDF) - NXP Semiconductors

NAFE11388 Datasheet PDF - NXP Semiconductors
Part # NAFE11388
Download  NAFE11388 Download
File Size   2010.37 Kbytes
Page   111 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal ±25 V 8-Input Low Power AFE

NAFE11388 Datasheet (PDF)

Go To PDF Page Download Datasheet
NAFE11388 Datasheet PDF - NXP Semiconductors

Part # NAFE11388
Download  NAFE11388 Click to download

File Size   2010.37 Kbytes
Page   111 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Universal ±25 V 8-Input Low Power AFE

NAFE11388 Datasheet (HTML) - NXP Semiconductors


NAFE11388 Product details

General description
The NAFE11388 is a highly configurable industrial-grade multichannel universal input
analog front-end (AFE) that meets high-precision measurement requirements. The
device integrates low-leakage, high-voltage (HV) fast multiplexers, low-offset and lowdrift
programmable gain amplifier (PGA) and buffers, high data-rate 24-bit Delta-Sigma
analog-to-digital converter (ADC), and low-drift voltage reference. All of the HV analog
pins are diode-protected internally for electromagnetic compatibility (EMC) and miswiring
scenarios. The NAFE11388 is equipped with various diagnostic and supplies supervisory
circuitry for condition monitoring and anomaly detection. Two precise calibration voltage
sources are made available for ease of end-to-end system self-calibration and predictive
maintenance.
The NAFE11388 family of products is designed for programmable logic controllers
(PLCs), I/O modules, data loggers, instrumentation, and high-precision sensor and data
acquisition systems.

Features and benefits
• Eight configurable HV inputs
– Single-ended or differential, with ranges up to ±25 V
– Independent configurations for voltage and current ranges
– Overvoltage protected up to ±36 V for less than one hour
• Fast data rates
– 7.5 SPS to 288 kSPS
– Simultaneous 50 Hz/60 Hz line rejection
– ENOB: 17-bit at 72 kSPS
• High accuracy
– 0.005 %FS accuracy at room after user calibration
– 0.1 %FS accuracy over -25 ℃ to 105 ℃
• System calibration
– End-to-end calibration with integrated precise voltage sources
– Accurate factory-calibrated products available
• ±3 ⁰C internal temperature sensor
• 0.2% internal oscillator accuracy at room temperature
• Diagnostic system for faults detection and prediction
• CRC error detection
• Ten GPIOs
• 32 MHz SPI interface
• Robust 8 kV HBM ESD and IEC61000-4-5 2 kV surge protection
• Power supply: HV: ±7 V to ±24 V, LV: 3.3 V
• 125 mW low power consumption
• Operating temperature range TA: -40 ℃ to +125 ℃
• Package: 64 pin, 9 mm x 9 mm x 0.85 mm HVQFN

Applications
• Data acquisition system
• PLC, DCS I/O modules
• Industrial automation and process control




Similar Part No. - NAFE11388

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 112P
Universal ±25 V 8-Input Low Power AFE
Rev. 2 - 21 March 2023
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
NAFE11388 NXP-NAFE11388 Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
NAFE11388B40BS NXP-NAFE11388B40BS Datasheet
1Mb / 112P
Universal ±25 V 8-Input High Speed AFE
Rev. 1 - 4 November 2022
More results


Similar Description - NAFE11388

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
KRS25F-03 VOLGEN-KRS25F-03 Datasheet
71Kb / 2P
25 WATT, Universal Input PCB Mountable Switching Power
logo
Maxim Integrated Produc...
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
logo
NXP Semiconductors
NAFE71388 NXP-NAFE71388 Datasheet
1Mb / 112P
Universal ±25 V 8-Input High Speed AFE
Rev. 1 - 4 November 2022
NAFE11388 NXP-NAFE11388_V02 Datasheet
2Mb / 112P
Universal ±25 V 8-Input Low Power AFE
Rev. 2 - 21 March 2023
NAFE13388 NXP-NAFE13388 Datasheet
3Mb / 116P
NAFE13388 Universal ±25 V 8-input low-power AFE with excitation sources
Rev. 1 - 24 February 2023
NAFE73388 NXP-NAFE73388 Datasheet
3Mb / 116P
NAFE73388 Universal ±25 V 8-input high-speed AFE with excitation sources
Rev. 1 - 24 February 2023
NAFE71388 NXP-NAFE71388_V01 Datasheet
2Mb / 112P
Universal ±25 V 8-Input High Speed AFE
Rev. 2 - 21 March 2023
NAFE13388 NXP-NAFE13388_V01 Datasheet
3Mb / 116P
NAFE13388 Universal ±25 V 8-input low-power AFE with excitation sources
Rev. 2 - 28 August 2023
NAFE13388 NXP-NAFE13388_V02 Datasheet
3Mb / 120P
NAFE13388 Universal ±25 V 8-input low-power AFE with excitation sources
Rev. 3 - 30 October 2023
NAFE11388 NXP-NAFE11388_V03 Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 3 - 30 October 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com