Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2723 Datasheet (PDF) - Vishay Siliconix

DG2723 Datasheet PDF - Vishay Siliconix
Part # DG2723
Download  DG2723 Download
File Size   156.04 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch

DG2723 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2723 Datasheet PDF - Vishay Siliconix

Part # DG2723
Download  DG2723 Click to download

File Size   156.04 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 700 MHz, -3 dB Bandwidth; Dual SPDT Analog Switch

DG2723 Datasheet (HTML) - Vishay Siliconix


DG2723 Product details

FEATURES
• Wide operation voltage range
• Low on-resistance, 5.5 Ω (typical at 3 V)
• Low capacitance, 5.6 pF (typical)
• -3 dB high bandwidth with 5pF load:
700 MHz (typical)
• Low bit to bit skew: 40 pS (typical)
• Low power consumption
• Low logic threshold: V
• Power down protection: D+/D- pins can tolerate up to
5.5 V when V+ = 0 V
• Logic (S+ and S-) above V+ tolerance
• 5 kV ESD protection (HBM)
• Latch-up current 500 mA per JESD78
• Lead (Pb)-free low profile miniQFN-10 (1.4 mm x 1.8 mm
x 0.55 mm)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Cellular phones
• Portable media players
• PDA
• Digital camera
• GPS
• Notebook computer
• TV, monitor, and set top box

DESCRIPTION
DG2723 is a low RON, high bandwidth analog switch
configured in dual SPDT. It achieves 5.5 Ω switch on
resistance, greater than 700 MHz -3 dB bandwidth with 5 pF
load, and a channel to channel crosstalk at -36 dB and
isolation at -29 dB. Fabricated with high density sub
micro CMOS process, the DG2723 provides low parasitic
capacitance, handles bidirectional signal flow with
minimized phase distortion. Guaranteed 1.3 V logic high
threshold makes it possible to interface directly with low
voltage MCUs. The DG2723 is designed for a wide range of
operating voltages from 2.7 V to 5.5 V that can be driven
directly from one cell Li-ion battery. On-chip protection
circuit protects again fault events when signals at “com”
pins goes beyond V+.
Latch up current is 500 mA, as per JESD78, and its
ESD tolerance exceeds 5 kV. Packaged in ultra small
miniQFN-10 (1.4 mm x 1.8 mm x 0.55 mm), it is ideal for
portable high speed mix signal switching application.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with lead (Pb)-free device termination. The miniQFN-10
package has a nickel-palladium-gold device termination
and is represented by the lead (Pb)-free “-E4” suffix to the
ordering part number. The nickel-palladium-gold device
terminations meet all JEDEC® standards for reflow and MSL
rating. As a further sign of Vishay Siliconix's commitment,
the DG2723 is fully RoHS complaint.




Similar Part No. - DG2723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG2723DN-T1-E4 VISHAY-DG2723DN-T1-E4 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
More results


Similar Description - DG2723

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2721 VISHAY-DG2721 Datasheet
124Kb / 7P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG2721 VISHAY-DG2721_09 Datasheet
179Kb / 8P
500 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
26-Jan-09
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
20-Mar-17
DG2515 VISHAY-DG2515_V01 Datasheet
176Kb / 9P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_V01 Datasheet
187Kb / 10P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG3157A VISHAY-DG3157A_V01 Datasheet
176Kb / 9P
Low Voltage, 300-MHz - 3 dB Bandwidth, SPDT Analog Switch with Power Down Protection
25-Aug-08
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com