Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1292080 Datasheet (PDF) - PHOENIX CONTACT

1292080 Datasheet PDF - PHOENIX CONTACT
Part # 1292080
Download  1292080 Download
File Size   768.31 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PTV 6 OG

1292080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1292080 Datasheet PDF - PHOENIX CONTACT

Part # 1292080
Download  1292080 Click to download

File Size   768.31 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Feed-through terminal block - PTV 6 OG

1292080 Datasheet (HTML) - PHOENIX CONTACT


1292080 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 41 A, connection method: Push-in
connection, Rated cross section: 6 mm², cross section: 0.5 mm² - 10 mm², mounting type: NS 35/7,5, NS 35/15,
color: orange

Your advantages
Clear wiring, thanks to lateral conductor entry
The compact design enables wiring in a confined space
The Push-in connection terminal blocks are characterized by the system features of the CLIPLINE complete system
In addition to the testing facility in the double function shaft, all terminal blocks provide an additional test connection




Similar Part No. - 1292080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1292081 PHOENIX-1292081 Datasheet
531Kb / 10P
SAC-4P-M12MRS-FRS PE US/.../... - Power cable
1292085 PHOENIX-1292085 Datasheet
426Kb / 9P
SAC-4P-M12MSS PE SH US/.../... - Power cable
1292087 PHOENIX-1292087 Datasheet
426Kb / 9P
SAC-4P-M12MRS PE SH US/.../... - Power cable
More results


Similar Description - 1292080

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1116734 PHOENIX-1116734 Datasheet
780Kb / 28P
Feed-through terminal block - PTV 6
1116735 PHOENIX-1116735 Datasheet
808Kb / 28P
Feed-through terminal block - PTV 6 BU
1116737 PHOENIX-1116737 Datasheet
839Kb / 29P
Feed-through terminal block - PTV 6-TWIN
1116871 PHOENIX-1116871 Datasheet
935Kb / 29P
Feed-through terminal block - PTV 6-QUATTRO
1291904 PHOENIX-1291904 Datasheet
770Kb / 27P
Feed-through terminal block - PTV 6 RD
1291906 PHOENIX-1291906 Datasheet
613Kb / 27P
Feed-through terminal block - PTV 6 BK
1291913 PHOENIX-1291913 Datasheet
809Kb / 27P
Feed-through terminal block - PTV 6 GN
1291919 PHOENIX-1291919 Datasheet
867Kb / 28P
Feed-through terminal block - PTV 6-TWIN GN
1291922 PHOENIX-1291922 Datasheet
820Kb / 28P
Feed-through terminal block - PTV 6-TWIN OG
1291931 PHOENIX-1291931 Datasheet
883Kb / 28P
Feed-through terminal block - PTV 6-QUATTRO OG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com