Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1292087 Datasheet (PDF) - PHOENIX CONTACT

1292087 Datasheet PDF - PHOENIX CONTACT
Part # 1292087
Download  1292087 Download
File Size   426.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MRS PE SH US/.../... - Power cable

1292087 Datasheet (PDF)

Go To PDF Page Download Datasheet
1292087 Datasheet PDF - PHOENIX CONTACT

Part # 1292087
Download  1292087 Click to download

File Size   426.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MRS PE SH US/.../... - Power cable

1292087 Datasheet (HTML) - PHOENIX CONTACT


1292087 Product details

Power cable, 4-position, PVC, black, shielded (Advanced Shielding Technology), Plug angled
M12, coding: S, on free cable end, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1292087

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1292080 PHOENIX-1292080 Datasheet
768Kb / 27P
Feed-through terminal block - PTV 6 OG
10/14/2021
1292081 PHOENIX-1292081 Datasheet
531Kb / 10P
SAC-4P-M12MRS-FRS PE US/.../... - Power cable
1292085 PHOENIX-1292085 Datasheet
426Kb / 9P
SAC-4P-M12MSS PE SH US/.../... - Power cable
More results


Similar Description - 1292087

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1415205 PHOENIX-1415205 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SH SC
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1415343 PHOENIX-1415343 Datasheet
66Kb / 4P
Power cable - SAC-4P-20,0-PUR/M12FST SH
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
1476843 PHOENIX-1476843 Datasheet
313Kb / 7P
SAC-4P- 3,0-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com