Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ5B0S-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ5B0S-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ5B0S-01F
Download  AZ5B0S-01F Download
File Size   159.95 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection

AZ5B0S-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ5B0S-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ5B0S-01F
Download  AZ5B0S-01F Click to download

File Size   159.95 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection

AZ5B0S-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ5B0S-01F Product details

Features
 ESD protection for one line with bi-direction
 Provide transient protection for the protected
line to
IEC 61000-4-2 (ESD) ±15kV (air) / ±12kV (contact)
IEC 61000-4-5 (Lightning) 7A (8/20μs)
 Ultra-low capacitance: 0.18pF typical
 For low operating voltage applications: 2.0V
and below
 0201 small DFN package saves board space
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 2.5G/5G/10GbE
 Thunderbolt interface
 USB3.1 and USB3.0 interfaces
 USB Type-C interface
 DisplayPort interface
 Hand held portable applications
Description
AZ5B0S-01F is a design which includes a
bi-directional ESD rated clamping cell to protect
high-speed data interfaces in an electronic
system. The AZ5B0S-01F has been specifically
designed to protect sensitive components which
are connected to data and transmission lines
from over-voltage caused by Electrostatic
Discharging (ESD), Lightning, and Cable
Discharge Event (CDE).
AZ5B0S-01F is a unique design which includes
proprietary clamping cell with ultra-low
capacitance in a small package. During transient
conditions, the proprietary clamping cell prevents
over-voltage on the control lines, or data lines,
protecting any downstream components.
AZ5B0S-01F is bi-directional and may be used
on lines where the signal swings above and
below ground.
AZ5B0S-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ5B0S-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B65-01F AMAZING-AZ5B65-01F Datasheet
242Kb / 7P
Ultra low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2017/05/16
logo
Shanghai Leiditech Elec...
AZ5B65-01F LEIDITECH-AZ5B65-01F Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
logo
AMAZING Microelectronic...
AZ5B65-01F.R7G AMAZING-AZ5B65-01F.R7G Datasheet
242Kb / 7P
Ultra low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2017/05/16
AZ5B75-01B AMAZING-AZ5B75-01B Datasheet
160Kb / 6P
Ultra Low Capacitance ESD Protection Device 0201 CSP Package for ESD Protection
Revision 2017/05/17
logo
Shanghai Leiditech Elec...
AZ5B75-01B LEIDITECH-AZ5B75-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results


Similar Description - AZ5B0S-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B65-01F AMAZING-AZ5B65-01F Datasheet
242Kb / 7P
Ultra low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2017/05/16
AZ5B8S-01F AMAZING-AZ5B8S-01F Datasheet
141Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2018/12/25
AZ5B9S-01F AMAZING-AZ5B9S-01F Datasheet
206Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2021/04/07
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5323-01F AMAZING-AZ5323-01F Datasheet
271Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2017/05/11
AZ5325-01F AMAZING-AZ5325-01F Datasheet
178Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ5413-01F AMAZING-AZ5413-01F Datasheet
163Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/12/07
AZ5425-01F AMAZING-AZ5425-01F Datasheet
192Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ9565-01F AMAZING-AZ9565-01F Datasheet
142Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2016/03/28
AZ9817-01F AMAZING-AZ9817-01F Datasheet
159Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com