Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ5B75-01B Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ5B75-01B Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ5B75-01B
Download  AZ5B75-01B Download
File Size   160.81 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Device 0201 CSP Package for ESD Protection

AZ5B75-01B Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ5B75-01B Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ5B75-01B
Download  AZ5B75-01B Click to download

File Size   160.81 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Device 0201 CSP Package for ESD Protection

AZ5B75-01B Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ5B75-01B Product details

Features
 ESD Protection for 1 Line with Bi-directional
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±15kV (air) / ±8kV (contact)
 Ultra low capacitance: 0.1pF typical
 For low operating voltage of 5V and below
 0201 small CSP package saves board space
 Protect one high-speed I/O line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Thunderbolt Interface
 USB3.1 Interface
 High Speed Data Lines Protection
 Serial and Parallel Port Protection
 Hand Held Portable Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Mobile Phones
Description
AZ5B75-01B is a design which includes a
bi-directional ESD rated clamping cell to protect
one high speed data line in an electronic system.
The AZ5B75-01B has been specifically designed
to protect sensitive components which are
connected to high speed data lines from
over-voltage damage caused by Electrostatic
Discharging (ESD) and Cable Discharge Event
(CDE).
AZ5B75-01B is a unique design which
includes proprietary clamping cell in a single
package. During transient conditions, the
proprietary clamping cell prevents over-voltage
on the high speed data lines, protecting any
downstream components.
AZ5B75-01B is bi-directional and may be
used on lines where the signal swings above and
below ground.
AZ5B75-01B may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ5B75-01B

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AZ5B75-01B LEIDITECH-AZ5B75-01B Datasheet
2Mb / 4P
1-Line Ultra Low Capacitance Bi-directional TVS Diode
Rev 2.0 : 12.01.2019
More results


Similar Description - AZ5B75-01B

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B0S-01F AMAZING-AZ5B0S-01F Datasheet
159Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2020/03/02
AZ5B65-01F AMAZING-AZ5B65-01F Datasheet
242Kb / 7P
Ultra low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2017/05/16
AZ5B8S-01F AMAZING-AZ5B8S-01F Datasheet
141Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2018/12/25
AZ5B9S-01F AMAZING-AZ5B9S-01F Datasheet
206Kb / 6P
Ultra-low Capacitance ESD Protection Device 0201 DFN Package for ESD Protection
Revision 2021/04/07
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5323-01F AMAZING-AZ5323-01F Datasheet
271Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2017/05/11
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
AZ5425-01F AMAZING-AZ5425-01F Datasheet
192Kb / 7P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/01/29
AZ9565-01F AMAZING-AZ9565-01F Datasheet
142Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2016/03/28
AZ9817-01F AMAZING-AZ9817-01F Datasheet
159Kb / 6P
Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com