Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ3103-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ3103-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ3103-01F
Download  AZ3103-01F Download
File Size   115.42 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD and Surge Protection

AZ3103-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ3103-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ3103-01F
Download  AZ3103-01F Click to download

File Size   115.42 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD and Surge Protection

AZ3103-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ3103-01F Product details

Features
 ESD/EFT/Surge Protection for 1 Line with
Unidirectional
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 80A (8/20μs)
 For operating voltage of 3.3V and below
 1.6mm x 1.0mm DFN package saves board
space
 High surge protection
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Power Line Protection
 Power Management Systems
 Hand Held Portable Applications
 Mobile Device Applications
 Control Signal Lines Protection
 Microprocessors Protection
 Latchup Protection
Description
AZ3103-01F is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ3103-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ3103-01F is a unique design which
includes proprietary clamping cell in a single
package. During transient conditions, the
proprietary clamping cell prevents over-voltage
on the power line or control/data lines, protecting
any downstream components.
AZ3103-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ3103-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ3105-01F AMAZING-AZ3105-01F Datasheet
298Kb / 5P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/03/13
AZ3105-01F.R7G AMAZING-AZ3105-01F.R7G Datasheet
298Kb / 5P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/03/13
AZ3105-04P AMAZING-AZ3105-04P Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
AZ3105-04P.RDG AMAZING-AZ3105-04P.RDG Datasheet
353Kb / 9P
Transient Voltage Suppressing Device For Surge/ESD/Latch-Up Protection
Revision 2017/05/11
More results


Similar Description - AZ3103-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1603-01L AMAZING-AZ1603-01L Datasheet
237Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ3105-01F AMAZING-AZ3105-01F Datasheet
298Kb / 5P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/03/13
AZ3603-01F AMAZING-AZ3603-01F Datasheet
150Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2018/01/04
AZ4510-01F AMAZING-AZ4510-01F Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2016/08/05
AZ4514-01F AMAZING-AZ4514-01F Datasheet
156Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/09/23
AZ4524-01F AMAZING-AZ4524-01F Datasheet
245Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/17
AZ4616-01F AMAZING-AZ4616-01F Datasheet
241Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/11
AZ9313-01F AMAZING-AZ9313-01F Datasheet
118Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2015/12/10
AZ9710-01F AMAZING-AZ9710-01F Datasheet
133Kb / 6P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/05/15
AZ9720-01F AMAZING-AZ9720-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device For ESD and Surge Protection
Revision 2017/03/07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com