Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVCW3SS0D5N03CLA Datasheet (PDF) - ON Semiconductor

NVCW3SS0D5N03CLA Datasheet PDF - ON Semiconductor
Part # NVCW3SS0D5N03CLA
Download  NVCW3SS0D5N03CLA Download
File Size   112.26 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 30 V, 0.52 m

NVCW3SS0D5N03CLA Datasheet (PDF)

Go To PDF Page Download Datasheet
NVCW3SS0D5N03CLA Datasheet PDF - ON Semiconductor

Part # NVCW3SS0D5N03CLA
Download  NVCW3SS0D5N03CLA Click to download

File Size   112.26 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 30 V, 0.52 m

NVCW3SS0D5N03CLA Datasheet (HTML) - ON Semiconductor


NVCW3SS0D5N03CLA Product details

Features
• Typical RDS(on) = 0.43 m at VGS = 10 V
• Typical Qg(tot) = 139 nC at VGS = 10 V
• AEC−Q101 Qualified
• RoHS Compliant




Similar Part No. - NVCW3SS0D5N03CLA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVCW4LS001N08HA ONSEMI-NVCW4LS001N08HA Datasheet
124Kb / 6P
MOSFET – Power, N-Channel 80 V, 1.0 m
June, 2022 - Rev. 0
logo
NICHIA CORPORATION
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
Built-in ESD Protection Device
NVCWL024Z-M2 NICHIA-NVCWL024Z-M2 Datasheet
453Kb / 17P
Built-in ESD Protection Device
NVCWL024Z-M3 NICHIA-NVCWL024Z-M3 Datasheet
455Kb / 17P
Built-in ESD Protection Device
NVCWL024Z-V1 NICHIA-NVCWL024Z-V1 Datasheet
959Kb / 43P
SPECIFICATIONS FOR WHITE LED
More results


Similar Description - NVCW3SS0D5N03CLA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
120Kb / 7P
N-Channel Power MOSFET 500 V, 0.52 Ohm
February, 2013 ??Rev. 4
NTTFS6H860NL ONSEMI-NTTFS6H860NL Datasheet
138Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
March, 2020 ??Rev. 0
NTMFS6H858NL ONSEMI-NTMFS6H858NL Datasheet
198Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
January, 2020-Rev. 0
NTMYS020N08LH ONSEMI-NTMYS020N08LH Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NVMFS6H858NL ONSEMI-NVMFS6H858NL Datasheet
186Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
January, 2020 ??Rev. 0
NVTYS020N08HL ONSEMI-NVTYS020N08HL Datasheet
267Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
September, 2021-Rev. 0
NVMYS020N08LH ONSEMI-NVMYS020N08LH Datasheet
281Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020 - Rev. 0
NVLJWS013N03CL ONSEMI-NVLJWS013N03CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 13 m, 35 A
June, 2022 - Rev. 1
NVLJWS5D0N03CL ONSEMI-NVLJWS5D0N03CL Datasheet
169Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com