Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-SD703CL Datasheet (PDF) - Vishay Siliconix

VS-SD703CL Datasheet PDF - Vishay Siliconix
Part # VS-SD703CL
Download  VS-SD703CL Download
File Size   533.03 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A

VS-SD703CL Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-SD703CL Datasheet PDF - Vishay Siliconix

Part # VS-SD703CL
Download  VS-SD703CL Click to download

File Size   533.03 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (Hockey PUK Version), 700 A, 790 A

VS-SD703CL Datasheet (HTML) - Vishay Siliconix


VS-SD703CL Product details

FEATURES
• High power fast recovery diode series
• 2.0 μs to 3.0 μs recovery time
• High voltage ratings up to 2500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC® B-PUK (DO-200AB)
• Maximum junction temperature 150 °C
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications




Similar Part No. - VS-SD703CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD703CL VISHAY-VS-SD703CL Datasheet
553Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
04-Apr-14
More results


Similar Description - VS-SD703CL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 700 A
14-May-08
SD703C12S20L VISHAY-SD703C12S20L Datasheet
526Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
14-May-08
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 700 A
14-May-08
SD703C12S20L VISHAY-SD703C12S20L_12 Datasheet
541Kb / 12P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
14-May-08
VS-SD403CC VISHAY-VS-SD403CC Datasheet
276Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 430 A
15-Apr-14
VS-SD603CC VISHAY-VS-SD603CC Datasheet
490Kb / 9P
Fast Recovery Diodes (Hockey PUK Version), 600 A
14-Jan-14
VS-SD703CL VISHAY-VS-SD703CL Datasheet
553Kb / 11P
Fast Recovery Diodes (Hockey PUK Version), 700/790 A
04-Apr-14
VS-SD803CC VISHAY-VS-SD803CC Datasheet
362Kb / 8P
Fast Recovery Diodes (Hockey PUK Version), 845 A
14-Jan-14
VS-SD700CL VISHAY-VS-SD700CL Datasheet
156Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 700 A
18-Mar-15
VS-SD700CL VISHAY-VS-SD700CL_V01 Datasheet
186Kb / 7P
Standard Recovery Diodes, (Hockey PUK Version), 700 A
27-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com