Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9513-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9513-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9513-01F.R7GR
Download  AZ9513-01F.R7GR Download
File Size   101.59 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ9513-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9513-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9513-01F.R7GR
Download  AZ9513-01F.R7GR Click to download

File Size   101.59 Kbytes
Page   6 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection

AZ9513-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ9513-01F.R7GR Product details

Features
 ESD Protection for 1 line with Uni-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
Cable Discharged Event (CDE)
 For low operating voltage applications: 3.3V
maximum
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
 AEC-Q101 qualified
Applications
 Automotive Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 3.3V operating systems
Description
AZ9513-01F is a design which includes a
uni-directional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ9513-01F has been specifically designed to
protect sensitive components which are
connected to data and transmission lines from
over-voltage caused by Electrostatic Discharging
(ESD), and Cable Discharge Event (CDE).
AZ9513-01F is a unique design which includes
proprietary clamping cells in a small package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the
control/data lines, protecting any downstream
components.
AZ9513-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ9513-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ951 ZETTLER-AZ951 Datasheet
47Kb / 2P
SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951-1C-12DE ETC-AZ951-1C-12DE Datasheet
99Kb / 3P
SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951-1C-12DE AZETTLER-AZ951-1C-12DE Datasheet
128Kb / 3P
SUBMINIATURE POWER RELAY
More results


Similar Description - AZ9513-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4A12-01F AMAZING-AZ4A12-01F Datasheet
180Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2016/02/25
AZ4A18-01F AMAZING-AZ4A18-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/29
AZ4A20-01F AMAZING-AZ4A20-01F Datasheet
238Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/11
AZ4A24-01F AMAZING-AZ4A24-01F Datasheet
275Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/03
AZ5A75-01F AMAZING-AZ5A75-01F Datasheet
162Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2018/03/19
AZ4212-01F AMAZING-AZ4212-01F Datasheet
154Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2014/12/24
AZ4233-01F AMAZING-AZ4233-01F Datasheet
166Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2019/05/31
AZ5123-02F AMAZING-AZ5123-02F Datasheet
225Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2018/03/14
AZ5125-02F AMAZING-AZ5125-02F Datasheet
199Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/15
AZ6112-01F AMAZING-AZ6112-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com