Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3248358 Datasheet (PDF) - PHOENIX CONTACT

3248358 Datasheet PDF - PHOENIX CONTACT
Part # 3248358
Download  3248358 Download
File Size   93.18 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Micro feed-through terminal block - MP 6X1,5-RZ

3248358 Datasheet (PDF)

Go To PDF Page Download Datasheet
3248358 Datasheet PDF - PHOENIX CONTACT

Part # 3248358
Download  3248358 Click to download

File Size   93.18 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Micro feed-through terminal block - MP 6X1,5-RZ

3248358 Datasheet (HTML) - PHOENIX CONTACT


3248358 Product details

Micro feed-through terminal block, jumpered internally, with securing pin for fixing, nom. voltage: 500 V,
nominal current: 17.5 A, connection method: Push-in connection, number of connections: 6, cross section:
0.14 mm² - 1.5 mm², AWG: 26 - 16, width: 14.7 mm, height: 22.1 mm, color: gray, mounting type: Direct
mounting with securing pin

Your advantages
Space-saving, thanks to the compact design
Flexible use, thanks to DIN rail and direct mounting
Space-saving potential distribution, thanks to compact micro potential distributors
Convenient test options, thanks to test openings at every terminal point
Clear arrangement thanks to marking of all terminal points




Similar Part No. - 3248358

ManufacturerPart #DatasheetDescription
logo
Heyco.
3248 HEYCO-3248 Datasheet
233Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Adafruit Industries
3248 ADAFRUIT-3248 Datasheet
91Kb / 2P
Pimoroni Micro Dot pHAT with Included LED Modules - Red
logo
KR Electronics, Inc.
3248-SMA KR-3248-SMA Datasheet
102Kb / 3P
250 MHz Bandpass Filter
logo
PHOENIX CONTACT
3248005 PHOENIX-3248005 Datasheet
540Kb / 18P
Fuse modular terminal block - UT 4-HESILED 24 (5X20) 120KOHM
3248025 PHOENIX-3248025 Datasheet
465Kb / 17P
Mini feed-through terminal block - MUT 1,5
Nov 16, 2022
More results


Similar Description - 3248358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3100305 PHOENIX-3100305 Datasheet
131Kb / 5P
Feed-through modular terminal block
3248150 PHOENIX-3248150 Datasheet
76Kb / 6P
Micro feed-through terminal block - MP 1,5
3248152 PHOENIX-3248152 Datasheet
103Kb / 9P
Micro feed-through terminal block - MP 1,5 BU
09/11/2020
3248248 PHOENIX-3248248 Datasheet
98Kb / 5P
Micro feed-through terminal block - MP 10X1,5 YE
09/12/2020
3244368 PHOENIX-3244368 Datasheet
115Kb / 9P
Mini feed-through terminal block - MSDB 2,5-RZ OG
09/12/2020
1073762 PHOENIX-1073762 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ-FE
Nov 16, 2022
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
logo
Weidmuller
2753950000 WEIDMULLER-2753950000 Datasheet
386Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
2753960000 WEIDMULLER-2753960000 Datasheet
388Kb / 21P
FEED-THROUGH TERMINAL BLOCK, SNA
03.02.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com