Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3270432 Datasheet (PDF) - PHOENIX CONTACT

3270432 Datasheet PDF - PHOENIX CONTACT
Part # 3270432
Download  3270432 Download
File Size   144.97 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-2 /GN

3270432 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270432 Datasheet PDF - PHOENIX CONTACT

Part # 3270432
Download  3270432 Click to download

File Size   144.97 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-2 /GN

3270432 Datasheet (HTML) - PHOENIX CONTACT


3270432 Product details

Marshalling patchboard, nom. voltage: 500 V, nominal current: 17.5 A, cross section: 0.14 mm² - 2.5 mm²,
AWG: 14 - 26, connection method: Push-in connection, number of positions: 1, number of connections: 4,
width: 11 mm, length: 8.6 mm, color: gray, color of connection elements: green, mounting: for snapping onto a
DIN rail adapter, for snapping onto a cover flange

Your advantages
Suitable for DIN rail mounting and panel cutouts with corresponding accessories
Individual setup thanks to modular principle
Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
Individual color assignment of cable and terminal point to ensure error-free, safe operation
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
Tool-free wiring in a confined space thanks to compact size




Similar Part No. - 3270432

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
327043 TEC-327043 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
logo
PHOENIX CONTACT
3270430 PHOENIX-3270430 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BU
09/12/2020
3270431 PHOENIX-3270431 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /RD
Jun 2, 2022
3270433 PHOENIX-3270433 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /BN
Jun 7, 2022
3270434 PHOENIX-3270434 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BK
09/12/2020
More results


Similar Description - 3270432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270430 PHOENIX-3270430 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BU
09/12/2020
3270434 PHOENIX-3270434 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BK
09/12/2020
3270302 PHOENIX-3270302 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /GY
Jun 2, 2022
3270303 PHOENIX-3270303 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /WH
Jun 2, 2022
3270438 PHOENIX-3270438 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /PK
Jun 3, 2022
3270314 PHOENIX-3270314 Datasheet
645Kb / 22P
Marshalling patchboard - PTMC 1,5/32-2
Jun 13, 2022
3270431 PHOENIX-3270431 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /RD
Jun 2, 2022
3270422 PHOENIX-3270422 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /GN
Jun 7, 2022
3001940 PHOENIX-3001940 Datasheet
349Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-2 -DF
Jun 23, 2022
3270329 PHOENIX-3270329 Datasheet
714Kb / 22P
Marshalling patchboard - PTMC 1,5/80-2
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com