Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0700040 Datasheet (PDF) - PHOENIX CONTACT

0700040 Datasheet PDF - PHOENIX CONTACT
Part # 0700040
Download  0700040 Download
File Size   410.03 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal device circuit breaker - TCP 40/DC32V

0700040 Datasheet (PDF)

Go To PDF Page Download Datasheet
0700040 Datasheet PDF - PHOENIX CONTACT

Part # 0700040
Download  0700040 Click to download

File Size   410.03 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal device circuit breaker - TCP 40/DC32V

0700040 Datasheet (HTML) - PHOENIX CONTACT


0700040 Product details

Thermal device circuit breaker, Number of positions: 1, Nominal current: 40 A, Nominal voltage: 32 V, Width: 6
mm, Fuse type: Slow-blow, Fuse type: Automatic device, Mounting type: On base element, Color: orange

Product Features
Compact design with precise nominal current levels
A version with screw or spring-cage connection is used as a basic terminal block
In the event of an error, the time-sensitive search for a suitable replacement fuse is eliminated thanks to the reclosure function
Fits in all fuse holders designed for flat-type fuse inserts according to ISO 8820‑3 (DIN 72581‑3)
Plug-in thermal miniature circuit breakers combine the protective mechanism of an auto flat-type fuse with the advantages of a circuit breaker
The area of application extends to the protection of integrated circuits in all battery and onboard systems with up to 32 V DC




Similar Part No. - 0700040

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
07000 PRESTO-07000 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
0700005 PHOENIX-0700005 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
0700007 PHOENIX-0700007 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
0700010 PHOENIX-0700010 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
0700015 PHOENIX-0700015 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
More results


Similar Description - 0700040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
Bourns Electronic Solut...
HC72AY-1 BOURNS-HC72AY-1 Datasheet
601Kb / 5P
Breaker (Thermal Cutoff Device)
NR77AB0 BOURNS-NR77AB0 Datasheet
540Kb / 5P
Breaker (Thermal Cutoff Device)
logo
PHOENIX CONTACT
0700025 PHOENIX-0700025 Datasheet
413Kb / 4P
Thermal device circuit breaker - TCP 25/DC32V
12/09/2015
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
100212 PHOENIX-100212 Datasheet
175Kb / 3P
Thermal Circuit Breaker
11/2006
1324401 PHOENIX-1324401 Datasheet
248Kb / 7P
Thermal device circuit breaker - TCP 10/20A
Nov 7, 2022
1324402 PHOENIX-1324402 Datasheet
247Kb / 7P
Thermal device circuit breaker - TCP 10/16A
Nov 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com