Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100212 Datasheet (PDF) - PHOENIX CONTACT

100212 Datasheet PDF - PHOENIX CONTACT
Part # 100212
Download  100212 Download
File Size   175.69 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

100212 Datasheet (PDF)

Go To PDF Page Download Datasheet
100212 Datasheet PDF - PHOENIX CONTACT

Part # 100212
Download  100212 Click to download

File Size   175.69 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal Circuit Breaker

100212 Datasheet (HTML) - PHOENIX CONTACT


100212 Product details

Description
The thermal circuit breaker can be switched back on again,
has a compact design and is available in nine finely graded
steps for nominal currents from 0.25 A to 10 A. The integrated
ON/OFF switching function makes it possible to
switch the circuit breaker back on immediately after triggering
thus increasing the availability of the system.
The thermal circuit breaker TCP can be plugged into
UK 6-FSI/C fuse base terminal blocks with screw connection
technology and into ST 4-FSI/C terminals with springcage
connection technology. For both types of terminal
blocks, the potential distribution can be conveniently implemented
using bridges.




Similar Part No. - 100212

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1002120000 WEIDMULLER-1002120000 Datasheet
732Kb / 9P
BLF 5.08HC/05/90F SN OR BX
More results


Similar Description - 100212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1140-F111-P1M1-10A ETC1-1140-F111-P1M1-10A Datasheet
116Kb / 4P
Thermal Overcurrent Circuit Breaker
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
Resettable Thermal Circuit Breaker
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
Thermal Circuit Breaker
logo
ETAL Group
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
Thermal Overcurrent Circuit Breaker 1410-L/-G
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
Single pole thermal reset circuit breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
Apr 6, 2021
logo
PHOENIX CONTACT
0700040 PHOENIX-0700040 Datasheet
410Kb / 4P
Thermal device circuit breaker - TCP 40/DC32V
12/09/2015
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
Thermal device circuit breaker - TCP 0.1A
15.05.2012
102774 PHOENIX-102774 Datasheet
197Kb / 3P
Thermal Circuit Breaker
11/2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com