Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0912043 Datasheet (PDF) - PHOENIX CONTACT

0912043 Datasheet PDF - PHOENIX CONTACT
Part # 0912043
Download  0912043 Download
File Size   59.55 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - ECP-E3 3A

0912043 Datasheet (PDF)

Go To PDF Page Download Datasheet
0912043 Datasheet PDF - PHOENIX CONTACT

Part # 0912043
Download  0912043 Click to download

File Size   59.55 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - ECP-E3 3A

0912043 Datasheet (HTML) - PHOENIX CONTACT


0912043 Product details

Electronic device circuit breaker, Number of positions: 1, Connection method: Screw connection, Width: 12.5 mm,
Fuse type: Electronic, Fuse type: Automatic device, Mounting type: On base element, Color: black

Why buy this product
■ Includes the advantages of current limitation
■ Sufficient supply of all error-free load circuits
■ Output voltage of switched-mode power supply unit remains stable
■ Responds faster than switched-mode power supply unit to overload and short circuit
■ Application - all aspects of the switched-mode power supply unit
■ In addition, the ECP-E2 can be controlled remotely by the control input (12), e.g., by means of a PLC




Similar Part No. - 0912043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0912043 PHOENIX-0912043 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Similar Description - 0912043

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0912033 PHOENIX-0912033 Datasheet
65Kb / 4P
Electronic device circuit breaker - ECP 6
0912034 PHOENIX-0912034 Datasheet
72Kb / 5P
Electronic device circuit breaker - ECP 4
0912050 PHOENIX-0912050 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 10A
0912052 PHOENIX-0912052 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 12A
0911034 PHOENIX-0911034 Datasheet
82Kb / 5P
Electronic device circuit breaker - ECP 2
09/11/2020
0900139 PHOENIX-0900139 Datasheet
73Kb / 5P
Electronic device circuit breaker - ECP-E2-1A
08/01/2016
0900317 PHOENIX-0900317 Datasheet
74Kb / 4P
Electronic device circuit breaker - ECP-E 3A
09.11.2012
0912041 PHOENIX-0912041 Datasheet
64Kb / 4P
Electronic device circuit breaker - ECP-E3 1A
08/01/2016
0912042 PHOENIX-0912042 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 2A
08/01/2016
0912044 PHOENIX-0912044 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 4A
08/01/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com