Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0900317 Datasheet (PDF) - PHOENIX CONTACT

0900317 Datasheet PDF - PHOENIX CONTACT
Part # 0900317
Download  0900317 Download
File Size   74.38 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - ECP-E 3A

0900317 Datasheet (PDF)

Go To PDF Page Download Datasheet
0900317 Datasheet PDF - PHOENIX CONTACT

Part # 0900317
Download  0900317 Click to download

File Size   74.38 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic device circuit breaker - ECP-E 3A

0900317 Datasheet (HTML) - PHOENIX CONTACT


0900317 Product details

Electronic device circuit breaker, Number of positions: 1, Connection method: Screw connection, Width: 12.5 mm, Fuse type: Electronic, Fuse type: Automatic device, Mounting type: On base element, Color: black

Why buy this product
Can be plugged onto TMCP SOCKET M base
Design width of just 12.5 mm
The operating or error state is indicated by a multi-color LED as well as an integrated status output (12)




Similar Part No. - 0900317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0900317 PHOENIX-0900317 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Similar Description - 0900317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
901002 PHOENIX-901002 Datasheet
79Kb / 5P
Electronic device circuit breaker - ECP-E 10A - 0901002
0900812 PHOENIX-0900812 Datasheet
73Kb / 5P
Electronic device circuit breaker - ECP-E 8A
0912033 PHOENIX-0912033 Datasheet
65Kb / 4P
Electronic device circuit breaker - ECP 6
0912034 PHOENIX-0912034 Datasheet
72Kb / 5P
Electronic device circuit breaker - ECP 4
0911034 PHOENIX-0911034 Datasheet
82Kb / 5P
Electronic device circuit breaker - ECP 2
09/11/2020
0900139 PHOENIX-0900139 Datasheet
73Kb / 5P
Electronic device circuit breaker - ECP-E2-1A
08/01/2016
0900236 PHOENIX-0900236 Datasheet
73Kb / 5P
Electronic device circuit breaker - ECP-E2-2A
08/01/2016
0912041 PHOENIX-0912041 Datasheet
64Kb / 4P
Electronic device circuit breaker - ECP-E3 1A
08/01/2016
0912042 PHOENIX-0912042 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 2A
08/01/2016
0912043 PHOENIX-0912043 Datasheet
59Kb / 4P
Electronic device circuit breaker - ECP-E3 3A
08/01/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com