Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0900317 Datasheet (PDF) - PHOENIX CONTACT

0900317 Datasheet PDF - PHOENIX CONTACT
Part # 0900317
Download  0900317 Download
File Size   846.0 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0900317 Datasheet (PDF)

Go To PDF Page Download Datasheet
0900317 Datasheet PDF - PHOENIX CONTACT

Part # 0900317
Download  0900317 Click to download

File Size   846.0 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Electronic circuit breaker

0900317 Datasheet (HTML) - PHOENIX CONTACT


0900317 Product details

Description
The ECP-E… electronic circuit breaker can be used in
applications that cover all aspects of the switched-mode
power supply unit.
In the event of an overload, switched-mode power supply
units reduce their output voltage, which means that all the
connected loads are no longer sufficiently supplied, e.g., in
the event of a short circuit at the load.
The solution here is the ECP-E… electronic circuit breaker,
which selectively protects all 24 V DC load circuits. The
ECP-E… constantly limits the residual current to 1.8 times
(or 1.5/1.3 times) the protected nominal current. Capacitive
loads can thus be switched on and loads are only switched
off in the event of an overload or short circuit.
After detecting an overload or short circuit in the load circuit,
the load output of the ECP-E… is disabled. The current flow
in the faulty circuit is interrupted. The ECP-E… and therefore
the circuit can be activated again via the electronic reset
input (13;14) or manually on the device via the slide switch.
A multi-color LED and the integrated status output (12)
indicate the operating or error state.
The ECP-E… offers quick and space-saving assembly, as it
can be plugged onto the TMCP SOCKET M and has a low
design width of just 12.5 mm.

Properties
– Selective load protection, electronic shutdown
characteristic curve
– Active current limitation when switching on capacitive
loads up to 20,000 μF and in the event of overload/short
circuit
– Nominal current can be selected in fixed current
strengths from 1 A ... 12 A
– Safe overload shutdown from 1.1 x IN, even for long
load cables or low cable cross-sections
– Manual on/off switch (S1)
– Indication by means of LED, status output SF
– Electronic reset input RE
– Integrated failsafe element
– Design width of just 12.5 mm per channel
– Can be plugged into a modular base




Similar Part No. - 0900317

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0900317 PHOENIX-0900317 Datasheet
74Kb / 4P
Electronic device circuit breaker - ECP-E 3A
09.11.2012
More results


Similar Description - 0900317

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com