Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVTYS008N06CL Datasheet (PDF) - ON Semiconductor

NVTYS008N06CL Datasheet PDF - ON Semiconductor
Part # NVTYS008N06CL
Download  NVTYS008N06CL Download
File Size   380.16 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 8.0 m, 63 A

NVTYS008N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVTYS008N06CL Datasheet PDF - ON Semiconductor

Part # NVTYS008N06CL
Download  NVTYS008N06CL Click to download

File Size   380.16 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 8.0 m, 63 A

NVTYS008N06CL Datasheet (HTML) - ON Semiconductor


NVTYS008N06CL Product details

Features
• Small Footprint (3.3 x 3.3 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVTYS008N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTYS002N03CL ONSEMI-NVTYS002N03CL Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS002N03CLTWG ONSEMI-NVTYS002N03CLTWG Datasheet
343Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N03CLTWG ONSEMI-NVTYS003N03CLTWG Datasheet
344Kb / 8P
MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NVTYS003N04C ONSEMI-NVTYS003N04C Datasheet
330Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 3.9 m, 99 A
April, 2021 - Rev. 0
More results


Similar Description - NVTYS008N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP5864NG ONSEMI-NTP5864NG Datasheet
111Kb / 6P
Power MOSFET 60 V, 63 A, 12.4 mOhm
June, 2011 ??Rev. 0
logo
STMicroelectronics
STD70N6F3 STMICROELECTRONICS-STD70N6F3 Datasheet
629Kb / 1P
N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET
11-Dec-2009
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NTMFS008N12MC ONSEMI-NTMFS008N12MC Datasheet
206Kb / 7P
MOSFET - Power, Single N-Channel 120 V, 8.0 m, 79 A
January, 2021-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com