| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD3055-150
|
67Kb / 8P |
Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4 |
|
NTD5865N
|
113Kb / 7P |
N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0 |
|
NTD5867NL
|
144Kb / 7P |
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0 |
|
NTTFS5820NL
|
116Kb / 6P |
Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0 |
|
NTMFS5844NL
|
117Kb / 6P |
Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
June, 2012 ??Rev. 3 |
|
NTD5862NT4G
|
125Kb / 8P |
N-Channel Power MOSFET 60 V, 98 A, 5.7 m
July, 2012 ??Rev. 2 |
|
NTMFS5844NL
|
111Kb / 6P |
Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
March, 2013 ??Rev. 4 |
|
NTBV5605T4G
|
144Kb / 7P |
Power MOSFET -60 V, -18.5 A
August, 2011 ??Rev. 4 |
 Fairchild Semiconductor |
FQP20N06TSTU
|
721Kb / 8P |
N-Channel QFET MOSFET 60 V, 20 A, 60 m
|
 ON Semiconductor |
NVTYS008N06CL
|
380Kb / 7P |
MOSFET ??Power, Single N-Channel 60 V, 8.0 m, 63 A
May, 2021 ??Rev. 0 |