Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP20EP10LM Datasheet (PDF) - Infineon Technologies AG

ISP20EP10LM Datasheet PDF - Infineon Technologies AG
Part # ISP20EP10LM
Download  ISP20EP10LM Download
File Size   1783.41 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OpriMOS power-Transistor,-100V

ISP20EP10LM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP20EP10LM Datasheet PDF - Infineon Technologies AG

Part # ISP20EP10LM
Download  ISP20EP10LM Click to download

File Size   1783.41 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OpriMOS power-Transistor,-100V

ISP20EP10LM Datasheet (HTML) - Infineon Technologies AG


ISP20EP10LM Product details

Features
*P-channel
*Very low on-resistance Rds(on) @ Vgs=4.5 V
*Enhancement mode
*100% avalanche tested
*Logic level
*Pb-free lead plating; RoHS compliant
*Halogen-free according to IEC61249-2-21




Similar Part No. - ISP20EP10LM

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ISP204 HAMMOND-ISP204 Datasheet
68Kb / 1P
Panneaux lateraux
ISP205 HAMMOND-ISP205 Datasheet
68Kb / 1P
Panneaux lateraux
ISP206 HAMMOND-ISP206 Datasheet
68Kb / 1P
Panneaux lateraux
ISP208 HAMMOND-ISP208 Datasheet
68Kb / 1P
Panneaux lateraux
More results


Similar Description - ISP20EP10LM

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
Power Transistor (100V , 2A)
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
Power Transistor (100V, 2A)
2SD1980TL ROHM-2SD1980TL Datasheet
87Kb / 4P
Power Transistor (100V, 2A)
logo
Infineon Technologies A...
IPA086N10N3G_1508 INFINEON-IPA086N10N3G_1508 Datasheet
534Kb / 10P
OptiMOS??Power-Transistor, 100V
Rev. 2.4 2015-08-26
IPB330P10NM INFINEON-IPB330P10NM Datasheet
1Mb / 11P
OpriMOS power-Transistor,-100V
2.0. 2021-05-24
IPD18DP10LM INFINEON-IPD18DP10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPD19DP10NM INFINEON-IPD19DP10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
IPP330P10NM INFINEON-IPP330P10NM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
2.0. 2021-05-10
ISP16DP10LM INFINEON-ISP16DP10LM Datasheet
1Mb / 11P
OptiMOS Power-Transistor,-100V
Rev.2.0, 2021-05-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com