Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS5C680NL Datasheet (PDF) - ON Semiconductor

NVMFS5C680NL Datasheet PDF - ON Semiconductor
Part # NVMFS5C680NL
Download  NVMFS5C680NL Download
File Size   186.51 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A

NVMFS5C680NL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFS5C680NL Datasheet PDF - ON Semiconductor

Part # NVMFS5C680NL
Download  NVMFS5C680NL Click to download

File Size   186.51 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A

NVMFS5C680NL Datasheet (HTML) - ON Semiconductor


NVMFS5C680NL Product details

Features
• Small Footprint (5 x 6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• NVMFS5C680NLWF − Wettable Flanks Product
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMFS5C680NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C682NL ONSEMI-NVMFS5C682NL Datasheet
135Kb / 6P
Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C682NLAFT1G ONSEMI-NVMFS5C682NLAFT1G Datasheet
135Kb / 6P
Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C682NLT1G ONSEMI-NVMFS5C682NLT1G Datasheet
135Kb / 6P
Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C682NLT3G ONSEMI-NVMFS5C682NLT3G Datasheet
135Kb / 6P
Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C682NLWFAFT1G ONSEMI-NVMFS5C682NLWFAFT1G Datasheet
135Kb / 6P
Power MOSFET
February, 2017 ??Rev. 3
More results


Similar Description - NVMFS5C680NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB25P06 ONSEMI-NTB25P06 Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
logo
Unisonic Technologies
UTT25P06 UTC-UTT25P06 Datasheet
150Kb / 3P
-60 V, -27.5 A P-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMYS021N06CL ONSEMI-NTMYS021N06CL Datasheet
324Kb / 7P
Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
April, 2019-Rev. 0
NTMYS025N06CL ONSEMI-NTMYS025N06CL Datasheet
323Kb / 7P
Power MOSFET 60 V, 27.5 m, 21 A, Single N?묬hannel
March, 2019-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NVTYS029N08H ONSEMI-NVTYS029N08H Datasheet
339Kb / 7P
MOSFET ??Power, Single N-Channel 80 V, 32.4 m, 21 A
April, 2021 ??Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVMJD027N06CL ONSEMI-NVMJD027N06CL Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 26.5 m, 21 A
August, 2022 - Rev. 0
NVMJD027N06CL ONSEMI-NVMJD027N06CL_V01 Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A
September, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com