Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMJD027N06CL Datasheet (PDF) - ON Semiconductor

NVMJD027N06CL Datasheet PDF - ON Semiconductor
Part # NVMJD027N06CL_V01
Download  NVMJD027N06CL Download
File Size   253.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A

NVMJD027N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJD027N06CL Datasheet PDF - ON Semiconductor

Part # NVMJD027N06CL_V01
Download  NVMJD027N06CL Click to download

File Size   253.78 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Dual N-Channel 60 V, 27 m, 21 A

NVMJD027N06CL Datasheet (HTML) - ON Semiconductor


NVMJD027N06CL Product details

Features
• Small Footprint (5 x 6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMJD027N06CL_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJD027N06CLTWG ONSEMI-NVMJD027N06CLTWG Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 26.5 m, 21 A
August, 2022 - Rev. 0
More results


Similar Description - NVMJD027N06CL_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMYS021N06CL ONSEMI-NTMYS021N06CL Datasheet
324Kb / 7P
Power MOSFET 60 V, 21 m, 27 A, Single N?묬hannel
April, 2019-Rev. 0
NTTFS020N06C ONSEMI-NTTFS020N06C Datasheet
210Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD040N10MCL ONSEMI-NVMFD040N10MCL Datasheet
218Kb / 7P
MOSFET ??Power, Dual N-Channel 100 V, 39 m, 21 A
December, 2021?뭃ev.0
NVMFS5C680NL ONSEMI-NVMFS5C680NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 ??Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVTFS020N06C ONSEMI-NVTFS020N06C Datasheet
280Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 20.3 m, 27 A
November, 2020 - Rev. 1
NVMJD027N06CL ONSEMI-NVMJD027N06CL Datasheet
253Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 26.5 m, 21 A
August, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com