Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382716HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382716HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382716HM
Download  ATS-6382716HM Download
File Size   1089.49 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit Super-Sabre Crimp Terminals

ATS-6382716HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382716HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382716HM
Download  ATS-6382716HM Click to download

File Size   1089.49 Kbytes
Page   8 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Tool Kit Super-Sabre Crimp Terminals

ATS-6382716HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382716HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Tool kits are easily installed into the Hand Crimp Tool or the 63816-0300 Power Crimp Head which is installed
into the 63816-0200 (110 V) or the 63816-0250 (220 V) Battery Powered Tool.
Many different Tool kits can be used with a single Battery Powered Tool.
This tool is IPC/WHMA-A-620 Class 2 and RoHS compliant.




Similar Part No. - ATS-6382716HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638271000 MOLEX-ATS-638271000 Datasheet
598Kb / 7P
Hand Crimp Tool for IllumiMate 1.25mm Wire-to-Board Crimp Terminals
05-23-17
ATS-6382711HM MOLEX-ATS-6382711HM Datasheet
574Kb / 8P
Hand Crimp Tool for Ring Tongue Terminal
11-18-13
ATS-638271200 MOLEX-ATS-638271200 Datasheet
658Kb / 7P
Hand Crimp Tool Quick Disconnect, Female Crimp Terminals
12-04-13
ATS-6382713HM MOLEX-ATS-6382713HM Datasheet
316Kb / 5P
Hand Crimp Tool for Board-In Crimp Terminals
07-02-13
ATS-6382717HM MOLEX-ATS-6382717HM Datasheet
1Mb / 8P
Tool Kit Super-Sabre Crimp Terminals
11-06-15
More results


Similar Description - ATS-6382716HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638271600 MOLEX11-0638271600 Datasheet
49Kb / 1P
Hand Tool for Super-Sabre Crimp Terminals
0638271700 MOLEX11-0638271700 Datasheet
61Kb / 1P
Hand Tool for Super-Sabre Crimp Terminals
63823-2570 MOLEX-63823-2570 Datasheet
392Kb / 6P
Hand Crimp Tool for Sabre Female Flat Blade Crimp Terminals
10-13-10
63827-1700 MOLEX-63827-1700 Datasheet
1Mb / 8P
Tool Kit Super-Sabre Crimp Terminals
11-06-15
ATS-6381147HM MOLEX-ATS-6381147HM Datasheet
549Kb / 8P
Tool Kit for MLX Crimp Terminals
07-24-17
ATS-6381152HM MOLEX-ATS-6381152HM Datasheet
687Kb / 9P
Tool Kit for SPOX??Crimp Terminals
06-30-11
ATS-6381172HM MOLEX-ATS-6381172HM Datasheet
642Kb / 8P
Tool Kit for Sabre??Flat Blade Crimp Terminal
09-09-10
ATS-6381175HM MOLEX-ATS-6381175HM Datasheet
899Kb / 12P
Tool Kit for KK Crimp Terminals
08-03-17
ATS-6382717HM MOLEX-ATS-6382717HM Datasheet
1Mb / 8P
Tool Kit Super-Sabre Crimp Terminals
11-06-15
0638249100 MOLEX-0638249100 Datasheet
33Kb / 1P
Extraction Tool for Super Sabre Male Crimp Terminals
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com