Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382754HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382754HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382754HM
Download  ATS-6382754HM Download
File Size   643.28 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for ULTRA-FIT Crimp Terminals

ATS-6382754HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382754HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382754HM
Download  ATS-6382754HM Click to download

File Size   643.28 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for ULTRA-FIT Crimp Terminals

ATS-6382754HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382754HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).




Similar Part No. - ATS-6382754HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638275000 MOLEX-ATS-638275000 Datasheet
632Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminal
05-24-17
ATS-638275100 MOLEX-ATS-638275100 Datasheet
1,000Kb / 7P
1.0 Receptacle Crimp Terminals – CAV wire
09-24-14
ATS-638275200 MOLEX-ATS-638275200 Datasheet
1,000Kb / 7P
1.0 Receptacle Crimp Terminals – CAVUS wire
09-24-14
ATS-6382753HM MOLEX-ATS-6382753HM Datasheet
644Kb / 6P
Hand Crimp Tool for ULTRA-FIT Crimp Terminals
11-04-14
ATS-6382755HM MOLEX-ATS-6382755HM Datasheet
695Kb / 7P
Hand Crimp Tool for CMC Male Crimp Terminals
01-12-18
More results


Similar Description - ATS-6382754HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
200218-4700 MOLEX-200218-4700 Datasheet
675Kb / 7P
Hand Crimp Tool for Ultra-Fit Tangless Crimp Terminals
09-21-21
63827-5670 MOLEX-63827-5670 Datasheet
700Kb / 7P
Hand Crimp Tool for Nano-Fit??Crimp Terminals
04-13-15
ATS-6382749HM MOLEX-ATS-6382749HM Datasheet
659Kb / 5P
Hand Crimp Tool for Mega-Fit??Crimp Terminals
06-18-15
ATS-6382753HM MOLEX-ATS-6382753HM Datasheet
644Kb / 6P
Hand Crimp Tool for ULTRA-FIT Crimp Terminals
11-04-14
ATS-6382760HM MOLEX-ATS-6382760HM Datasheet
683Kb / 7P
Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
200218-4600 MOLEX-200218-4600 Datasheet
703Kb / 6P
Hand Crimp Tool for Ultra-Fit Tangless Crimp Terminals
09-21-21
213309-1400 MOLEX-213309-1400 Datasheet
1Mb / 8P
Hand Crimp Tool for Mega-Fit Crimp Terminals
07-16-20
2133091300 MOLEX-2133091300 Datasheet
1Mb / 8P
Hand Crimp Tool for Mega-Fit Crimp Terminals
07-16-20
200218-4600 MOLEX2-200218-4600 Datasheet
703Kb / 6P
Hand Crimp Tool for Ultra-Fit Tangless Crimp Terminals
09-21-21
223863-0900 MOLEX-223863-0900 Datasheet
786Kb / 7P
Hand Crimp Tool for Ultra-Fit Crimp Terminals
11-29-22
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com