Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-6382755HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382755HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382755HM
Download  ATS-6382755HM Download
File Size   695.79 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CMC Male Crimp Terminals

ATS-6382755HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382755HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382755HM
Download  ATS-6382755HM Click to download

File Size   695.79 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for CMC Male Crimp Terminals

ATS-6382755HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382755HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
A-620 Class 2 compliant as indicated on page 2 and RoHS compliant
Modular Crimp Head is removable and can be used in the Air Powered Tool Order No. 63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700)
Can also be used in the Battery Powered Tool Order No. 63816-0200 (110 V) or 63816-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600)




Similar Part No. - ATS-6382755HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638275000 MOLEX-ATS-638275000 Datasheet
632Kb / 7P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminal
05-24-17
ATS-638275100 MOLEX-ATS-638275100 Datasheet
1,000Kb / 7P
1.0 Receptacle Crimp Terminals – CAV wire
09-24-14
ATS-638275200 MOLEX-ATS-638275200 Datasheet
1,000Kb / 7P
1.0 Receptacle Crimp Terminals – CAVUS wire
09-24-14
ATS-6382753HM MOLEX-ATS-6382753HM Datasheet
644Kb / 6P
Hand Crimp Tool for ULTRA-FIT Crimp Terminals
11-04-14
ATS-6382754HM MOLEX-ATS-6382754HM Datasheet
643Kb / 6P
Hand Crimp Tool for ULTRA-FIT Crimp Terminals
01-30-15
More results


Similar Description - ATS-6382755HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-5300 MOLEX11-63811-5300 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63811-6700 MOLEX11-63811-6700 Datasheet
37Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
63819-1000 MOLEX11-63819-1000 Datasheet
42Kb / 1P
Hand Crimp Tool for Crimp Terminals
63823-3300 MOLEX11-63823-3300 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638116700 MOLEX-0638116700 Datasheet
34Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638115400 MOLEX-0638115400 Datasheet
38Kb / 2P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638199500 MOLEX-0638199500 Datasheet
40Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
0638275500 MOLEX-0638275500 Datasheet
695Kb / 7P
Hand Crimp Tool for CMC Male Crimp Terminals
1-12-18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com