Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VZ12 Datasheet (PDF) - Schneider Electric

VZ12 Datasheet PDF - Schneider Electric
Part # VZ12
Download  VZ12 Download
File Size   124.2 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys VARIO - additional neutral block - 80 A - for V3 / V4

VZ12 Datasheet (PDF)

Go To PDF Page Download Datasheet
VZ12 Datasheet PDF - Schneider Electric

Part # VZ12
Download  VZ12 Click to download

File Size   124.2 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys VARIO - additional neutral block - 80 A - for V3 / V4

VZ12 Datasheet (HTML) - Schneider Electric


VZ12 Product details

Main
Range TeSys
Device short name VZ
Product or Component Type Additional neutral block
Performance level High performance
Poles description 1N
Contacts type and composition 1 NO
Contact operation Early make, late break
Product Compatibility V3
V4
Range compatibility TeSys VARIO switch disconnector
Network type AC
DC
Network Frequency 50/60 Hz




Similar Part No. - VZ12

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
VZ1206A050AGBN WALSIN-VZ1206A050AGBN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ1206A050AGTN WALSIN-VZ1206A050AGTN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ1206A050CGBN WALSIN-VZ1206A050CGBN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ1206A050CGTN WALSIN-VZ1206A050CGTN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
VZ1206A070AGBN WALSIN-VZ1206A070AGBN Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
More results


Similar Description - VZ12

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VZ0 SCHNEIDER-VZ0 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 25 A - for V0
Jun 22, 2022
VZ02 SCHNEIDER-VZ02 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 12 A - for V02
Jun 22, 2022
VZ11 SCHNEIDER-VZ11 Datasheet
128Kb / 3P
TeSys VARIO - additional neutral block - 40 A - for V02...V2
Jun 22, 2022
VZ13 SCHNEIDER-VZ13 Datasheet
111Kb / 3P
TeSys VARIO - additional neutral block - 175 A - for V5 / V6
Jun 22, 2022
VZ14 SCHNEIDER-VZ14 Datasheet
142Kb / 3P
TeSys VARIO - additional earthing block - 40 A - for V02...V2
Jun 22, 2022
VZ15 SCHNEIDER-VZ15 Datasheet
102Kb / 3P
TeSys VARIO - additional earthing block - 80 A - for V3 / V4
Jun 22, 2022
VZ16 SCHNEIDER-VZ16 Datasheet
102Kb / 2P
TeSys VARIO - additional earthing block - 175 A - for V5 / V6
Jun 22, 2022
VZ3 SCHNEIDER-VZ3 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 63 A - for V3
Jun 22, 2022
VZ4 SCHNEIDER-VZ4 Datasheet
118Kb / 3P
TeSys VARIO - additional pole - 80 A - for V4
Jun 22, 2022
VZN11 SCHNEIDER-VZN11 Datasheet
158Kb / 3P
TeSys Mini-VARIO - additional neutral block - 20 A - for VN12, VN20
Jun 22, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com