Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104349 Datasheet (PDF) - PHOENIX CONTACT

104349 Datasheet PDF - PHOENIX CONTACT
Part # 104349
Download  104349 Download
File Size   281.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

104349 Datasheet (PDF)

Go To PDF Page Download Datasheet
104349 Datasheet PDF - PHOENIX CONTACT

Part # 104349
Download  104349 Click to download

File Size   281.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power supply unit

104349 Datasheet (HTML) - PHOENIX CONTACT


104349 Product details

Description
The DC/DC converter converts the DC voltage of 12 V DC ...
24 V DC to an adjustable, controlled and electrically isolated
48 V DC output voltage.
Due to electrical isolation, the DC voltage circuits are
electrically isolated from each other in a safe way. With a
design width of only 22.5 mm, the housing is extremely slim.

Features
– Reliable power supply unit even at high ambient
temperatures
– Reliable starting of heavy loads using the U/I
characteristic curve
– Can be used worldwide in all industrial sectors due to a
wide-range input and an international approval package
– High operating safety due to long mains buffering under
full load and high MTBF (> 500,000 h)




Similar Part No. - 104349

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1043496 PHOENIX-1043496 Datasheet
664Kb / 19P
Industrial Ethernet Switch - FL SWITCH 2516
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
More results


Similar Description - 104349

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
MSR5T ALLEN-BRADLEY-MSR5T_1 Datasheet
45Kb / 2P
Power Supply Unit
logo
STMicroelectronics
L6491 STMICROELECTRONICS-L6491 Datasheet
844Kb / 24P
Power supply unit
11-Mar-2015
logo
Festo Corporation.
2247681 FESTO-2247681 Datasheet
73Kb / 1P
Power supply unit
2247682 FESTO-2247682 Datasheet
75Kb / 1P
Power supply unit
2247684 FESTO-2247684 Datasheet
92Kb / 1P
Power supply unit
2247685 FESTO-2247685 Datasheet
96Kb / 1P
Power supply unit
8149581 FESTO-8149581 Datasheet
78Kb / 1P
Power supply unit
logo
PHOENIX CONTACT
108830 PHOENIX-108830 Datasheet
356Kb / 29P
Power supply unit
2019-04-09
103126 PHOENIX-103126 Datasheet
352Kb / 17P
Power supply unit
2015-08-28
103133 PHOENIX-103133 Datasheet
511Kb / 20P
Power supply unit
2016-09-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com