Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY251P Datasheet (PDF) - Vishay Siliconix

BY251P Datasheet PDF - Vishay Siliconix
Part # BY251P_V02
Download  BY251P Download
File Size   74.36 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description General Purpose Plastic Rectifier

BY251P Datasheet (PDF)

Go To PDF Page Download Datasheet
BY251P Datasheet PDF - Vishay Siliconix

Part # BY251P_V02
Download  BY251P Click to download

File Size   74.36 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description General Purpose Plastic Rectifier

BY251P Datasheet (HTML) - Vishay Siliconix


BY251P Product details

FEATURES
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes application.
Note
• These devices are not AEC-Q101 qualified.

MECHANICAL DATA
Case: DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end




Similar Part No. - BY251P_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY251P VISHAY-BY251P_V01 Datasheet
74Kb / 4P
General Purpose Plastic Rectifier
01-Aug-13
More results


Similar Description - BY251P_V02

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com