Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP15RGB-271 Datasheet (PDF) - Quelighting Corp

QLSP15RGB-271 Datasheet PDF - Quelighting Corp
Part # QLSP15RGB-271
Download  QLSP15RGB-271 Download
File Size   1052.51 Kbytes
Page   12 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is a reverse mountable Tri color LED with AlInGaP Red and InGaN Blue & Green color. With small footprint and compact size, this package is ideal for status indication.

QLSP15RGB-271 Datasheet (PDF)

Go To PDF Page Download Datasheet
QLSP15RGB-271 Datasheet PDF - Quelighting Corp

Part # QLSP15RGB-271
Download  QLSP15RGB-271 Click to download

File Size   1052.51 Kbytes
Page   12 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is a reverse mountable Tri color LED with AlInGaP Red and InGaN Blue & Green color. With small footprint and compact size, this package is ideal for status indication.

QLSP15RGB-271 Datasheet (HTML) - Quelighting Corp


QLSP15RGB-271 Product details

Features:
• Package in 8mm tape on 7〞diameter reel
• Compatible with automatic placement equipment.
• Compliance with EU REACH
• RoHS compliant
• Compatible with infrared and vapor phase reflow solder process.
• Custom Bin available upon special request
• View angel >120°
• Color: AlInGaP Red / InGaN Blue & Green
Application:
• Backlighting in dashboard and switch.
• Telecommunication: indicator and backlighting in telephone and fax.
• Flat backlight for LCD switch and symbol.
• General use.




Similar Part No. - QLSP15RGB-271

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP15B-304 QUELIGHTING-QLSP15B-304 Datasheet
828Kb / 10P
QLSP15XX series is the chip with reverse mount SMD LED.
1.0 05-16-2021
More results


Similar Description - QLSP15RGB-271

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-53R ECS-ECX-53R Datasheet
155Kb / 1P
The ECX-53B is a miniature SMD Crystal with a 3.2 x 5 mm footprint. This package is ideal for todays compact wireless wireless
logo
P-tec Corporation
PL00182-WCRG1825 P-TEC-PL00182-WCRG1825 Datasheet
28Kb / 1P
AlInGaP red and InGaN green chip used
logo
Quelighting Corp
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
QLSP14RGB-299 QUELIGHTING-QLSP14RGB-299 Datasheet
1Mb / 12P
This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package. This special package is ideal for customer?셲 application in traffic signal and sign boards on production promotion.
1.0 04-20-2021
QLSP14WC-216 QUELIGHTING-QLSP14WC-216 Datasheet
1Mb / 12P
This is the small TOP LED with reflector type with single color led. This special package is ideal for customer?셲 application in traffic signal and sign boards.
1.1 08-01-2019
QLSP17RGBA-303 QUELIGHTING-QLSP17RGBA-303 Datasheet
1,001Kb / 11P
This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package.
1.0 05-01-2021
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
logo
Bivar, Inc.
3BC-3-F BIVAR-3BC-3-F Datasheet
525Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Tri-Color
Revision A 03/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com