Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLSP17RGBA-303 Datasheet (PDF) - Quelighting Corp

QLSP17RGBA-303 Datasheet PDF - Quelighting Corp
Part # QLSP17RGBA-303
Download  QLSP17RGBA-303 Download
File Size   1001.63 Kbytes
Page   11 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package.

QLSP17RGBA-303 Datasheet (PDF)

Go To PDF Page Download Datasheet
QLSP17RGBA-303 Datasheet PDF - Quelighting Corp

Part # QLSP17RGBA-303
Download  QLSP17RGBA-303 Click to download

File Size   1001.63 Kbytes
Page   11 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package.

QLSP17RGBA-303 Datasheet (HTML) - Quelighting Corp


QLSP17RGBA-303 Product details

Features:
• 3 colors(Red/Green/Blue) LED Package
• High brightness output @ 5mA,
• Package Dimension = 1.5mm x 1.6mm x 1.0mm
• RoHS compliant
• Custom Bin available upon special request
• View angel >120°
Application:
• Architecture Lighting
• Sign board backlighting
• Traffic signal lighting
• Backlighting: LCDs, key pads advertising




Similar Part No. - QLSP17RGBA-303

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP12ZC1V-302 QUELIGHTING-QLSP12ZC1V-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZC2V-302 QUELIGHTING-QLSP12ZC2V-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZPV-302 QUELIGHTING-QLSP12ZPV-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP12ZXV-302 QUELIGHTING-QLSP12ZXV-302 Datasheet
834Kb / 16P
QLSP12ZXV-302 series is a High Power White LED with very low thermal resistance. It?셲 can provide high performance and light quality.
1.0 04-29-2021
QLSP1308R-289 QUELIGHTING-QLSP1308R-289 Datasheet
579Kb / 10P
This is the much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained.
1.0 03-13-2021
More results


Similar Description - QLSP17RGBA-303

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLL130-0101C1-28GV1J4 CITIZEN-CLL130-0101C1-28GV1J4 Datasheet
670Kb / 14P
This data sheet is applied to the LED package
CLL032-1212A5-273M1A2 CITIZEN-CLL032-1212A5-273M1A2 Datasheet
384Kb / 12P
This data sheet is applied to the LED package
CLL032-1208A5-273M1A2 CITIZEN-CLL032-1208A5-273M1A2 Datasheet
383Kb / 12P
This data sheet is applied to the LED package
CLL032-1206A5-273M1A2 CITIZEN-CLL032-1206A5-273M1A2 Datasheet
383Kb / 12P
This data sheet is applied to the LED package
CLL032-1206A5-273H3D2 CITIZEN-CLL032-1206A5-273H3D2 Datasheet
851Kb / 12P
This data sheet is applied to the LED package
logo
Quelighting Corp
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
QLSP14RGB-299 QUELIGHTING-QLSP14RGB-299 Datasheet
1Mb / 12P
This is the small TOP LED with 3 color (Red/Green/Blue) combined in one package. This special package is ideal for customer?셲 application in traffic signal and sign boards on production promotion.
1.0 04-20-2021
QLSP14WC-216 QUELIGHTING-QLSP14WC-216 Datasheet
1Mb / 12P
This is the small TOP LED with reflector type with single color led. This special package is ideal for customer?셲 application in traffic signal and sign boards.
1.1 08-01-2019
QLSP15RGB-271 QUELIGHTING-QLSP15RGB-271 Datasheet
1Mb / 12P
This is a reverse mountable Tri color LED with AlInGaP Red and InGaN Blue & Green color. With small footprint and compact size, this package is ideal for status indication.
1.0 2-5-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com