Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273348 Datasheet (PDF) - PHOENIX CONTACT

3273348 Datasheet PDF - PHOENIX CONTACT
Part # 3273348
Download  3273348 Download
File Size   735.19 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5 OG

3273348 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273348 Datasheet PDF - PHOENIX CONTACT

Part # 3273348
Download  3273348 Click to download

File Size   735.19 Kbytes
Page   32 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6/6X2,5 OG

3273348 Datasheet (HTML) - PHOENIX CONTACT


3273348 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging, color: orange

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273340 PHOENIX-3273340 Datasheet
732Kb / 32P
Distribution block - PTFIX 6/6X2,5 BN
Jun 2, 2022
3273342 PHOENIX-3273342 Datasheet
731Kb / 32P
Distribution block - PTFIX 6/6X2,5 WH
Jun 2, 2022
3273344 PHOENIX-3273344 Datasheet
731Kb / 32P
Distribution block - PTFIX 6/6X2,5 BK
Jun 2, 2022
3273346 PHOENIX-3273346 Datasheet
274Kb / 10P
PTFIX 6/6X2,5 VT - Distribution block
3273347 PHOENIX-3273347 Datasheet
730Kb / 31P
Distribution block - PTFIX 6/6X2,5 PK
Jul 20, 2022
More results


Similar Description - 3273348

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273216 PHOENIX-3273216 Datasheet
932Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A OG
Jun 13, 2022
3273282 PHOENIX-3273282 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 OG
Jun 13, 2022
3273478 PHOENIX-3273478 Datasheet
646Kb / 29P
Distribution block - PTFIX 6/6X2,5-G OG
Jun 29, 2022
3273018 PHOENIX-3273018 Datasheet
848Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 OG
Jun 22, 2022
3273084 PHOENIX-3273084 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 OG
Jun 22, 2022
3273150 PHOENIX-3273150 Datasheet
900Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A OG
Jun 13, 2022
3274118 PHOENIX-3274118 Datasheet
618Kb / 28P
Distribution block - PTFIX 6X2,5-NS15A OG
Jun 24, 2022
3273412 PHOENIX-3273412 Datasheet
620Kb / 28P
Distribution block - PTFIX 6X2,5-G OG
Jun 13, 2022
1091674 PHOENIX-1091674 Datasheet
744Kb / 30P
Distribution block - PTFIX 6/6X2,5 BUWH
Sep 8, 2022
3274184 PHOENIX-3274184 Datasheet
936Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com