Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273412 Datasheet (PDF) - PHOENIX CONTACT

3273412 Datasheet PDF - PHOENIX CONTACT
Part # 3273412
Download  3273412 Download
File Size   620.13 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5-G OG

3273412 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273412 Datasheet PDF - PHOENIX CONTACT

Part # 3273412
Download  3273412 Click to download

File Size   620.13 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5-G OG

3273412 Datasheet (HTML) - PHOENIX CONTACT


3273412 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, nom. voltage: 450 V, nominal current: 24 A,
connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2, mounting type:
adhesive, color: orange

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273410 PHOENIX-3273410 Datasheet
888Kb / 35P
Distribution block - PTFIX 6X2,5-G VT
Jul 20, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3273414 PHOENIX-3273414 Datasheet
641Kb / 26P
Distribution block - PTFIX 6X2,5-FE-G
Jul 20, 2022
3273416 PHOENIX-3273416 Datasheet
621Kb / 27P
Distribution block - PTFIX 12X2,5-G GY
Jun 22, 2022
3273418 PHOENIX-3273418 Datasheet
623Kb / 27P
Distribution block - PTFIX 12X2,5-G BU
Jul 20, 2022
More results


Similar Description - 3273412

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273348 PHOENIX-3273348 Datasheet
735Kb / 32P
Distribution block - PTFIX 6/6X2,5 OG
Jun 16, 2022
3273216 PHOENIX-3273216 Datasheet
932Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A OG
Jun 13, 2022
3273282 PHOENIX-3273282 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 OG
Jun 13, 2022
3273478 PHOENIX-3273478 Datasheet
646Kb / 29P
Distribution block - PTFIX 6/6X2,5-G OG
Jun 29, 2022
3273396 PHOENIX-3273396 Datasheet
891Kb / 36P
Distribution block - PTFIX 6X2,5-G BU
Jun 22, 2022
3273018 PHOENIX-3273018 Datasheet
848Kb / 36P
Distribution block - PTFIX 6X2,5-NS35 OG
Jun 22, 2022
3273084 PHOENIX-3273084 Datasheet
929Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 OG
Jun 22, 2022
3273150 PHOENIX-3273150 Datasheet
900Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A OG
Jun 13, 2022
3274118 PHOENIX-3274118 Datasheet
618Kb / 28P
Distribution block - PTFIX 6X2,5-NS15A OG
Jun 24, 2022
3274184 PHOENIX-3274184 Datasheet
936Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A OG
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com