Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273416 Datasheet (PDF) - PHOENIX CONTACT

3273416 Datasheet PDF - PHOENIX CONTACT
Part # 3273416
Download  3273416 Download
File Size   621.67 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-G GY

3273416 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273416 Datasheet PDF - PHOENIX CONTACT

Part # 3273416
Download  3273416 Click to download

File Size   621.67 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-G GY

3273416 Datasheet (HTML) - PHOENIX CONTACT


3273416 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, nom. voltage: 450 V, nominal current: 24 A,
connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2, mounting type:
adhesive, color: gray

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273416

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273410 PHOENIX-3273410 Datasheet
888Kb / 35P
Distribution block - PTFIX 6X2,5-G VT
Jul 20, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3273412 PHOENIX-3273412 Datasheet
620Kb / 28P
Distribution block - PTFIX 6X2,5-G OG
Jun 13, 2022
3273414 PHOENIX-3273414 Datasheet
641Kb / 26P
Distribution block - PTFIX 6X2,5-FE-G
Jul 20, 2022
3273418 PHOENIX-3273418 Datasheet
623Kb / 27P
Distribution block - PTFIX 12X2,5-G BU
Jul 20, 2022
More results


Similar Description - 3273416

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273286 PHOENIX-3273286 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 GY
09/12/2020
3273154 PHOENIX-3273154 Datasheet
903Kb / 38P
Distribution block - PTFIX 12X2,5-NS35A GY
Jun 2, 2022
3273352 PHOENIX-3273352 Datasheet
710Kb / 32P
Distribution block - PTFIX 6/12X2,5 GY
Jun 2, 2022
3273482 PHOENIX-3273482 Datasheet
623Kb / 29P
Distribution block - PTFIX 6/12X2,5-G GY
Jun 10, 2022
3273022 PHOENIX-3273022 Datasheet
850Kb / 36P
Distribution block - PTFIX 12X2,5-NS35 GY
Jun 13, 2022
3273426 PHOENIX-3273426 Datasheet
621Kb / 28P
Distribution block - PTFIX 12X2,5-G BN
Jun 23, 2022
3273436 PHOENIX-3273436 Datasheet
637Kb / 28P
Distribution block - PTFIX 12X2,5-FE-G
Jun 29, 2022
3273430 PHOENIX-3273430 Datasheet
620Kb / 28P
Distribution block - PTFIX 12X2,5-G BK
Jun 22, 2022
3273433 PHOENIX-3273433 Datasheet
618Kb / 27P
Distribution block - PTFIX 12X2,5-G PK
Sep 8, 2022
3274122 PHOENIX-3274122 Datasheet
618Kb / 28P
Distribution block - PTFIX 12X2,5-NS15A GY
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com