Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1721 Datasheet (PDF) - ADL Embedded Solutions

ALD1721 Datasheet PDF - ADL Embedded Solutions
Part # ALD1721
Download  ALD1721 Download
File Size   108.9 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1721 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1721 Datasheet PDF - ADL Embedded Solutions

Part # ALD1721
Download  ALD1721 Click to download

File Size   108.9 Kbytes
Page   9 Pages
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions
Description PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER

ALD1721 Datasheet (HTML) - ADL Embedded Solutions


ALD1721 Product details

GENERAL DESCRIPTION
The ALD1721/ALD1721G is a monolithic CMOS micropower high slew
rate operational amplifier intended for a broad range of precision applications
requiring exremely low input signal power. Input signal power is the
product of input offset voltage and input bias current, which represents the
minimum required power draw from the signal source in order to drive the
input of the operational amplifier. Input signal power is also a figure of
merit in source loading and its associated error, and is a measure of the
basic signal resolution possible through the operational amplifier for a
given signal source. For certain types of signal sources, signal loading
directly translates into a significant distortion or "interface noise equivalent"
term.
The ALD1721/ALD1721G is designed to set a new standard in low input
signal power requirements. The typical input loading at its input is 0.05 mV
offset voltage and 0.01 pA input bias current at 25C, resulting in 0.0005
fW input signal power draw. This input characteristic virtually eliminates
any loading effects on most types of signal sources, offering unparalled
accuracy and signal integrity and fidelity. Obviously, for capacitive and
high sensitivity, high impedance signal sources, the ALD1721/
ALD1721G is ideally suited. It is readily suited for +5V single supply (or
±1V to ±5V) systems, with low operating power dissipation, a traditional
strength of CMOS technology. It is offered with industry standard pin
configuration of mA741 and ICL7611 types.
The ALD1721/ALD1721G can operate with rail to rail large signal input
and output voltages with relatively high slew rate. The input voltage can
be equal to or exceed the positive and negative supply voltages while the
output voltage can swing close to these supply voltage rails. This feature
significantly reduces the supply overhead voltage required to operate the
operational amplifier and allows numerous analog serial stages to operate
in a low power supply environment. In addition, the device can
accommodate mixed applications where digital and analog circuits may
operate off the same power supply or battery. Finally, the output stage
can typically drive up to 50pF capacitive and 10KW resistive loads.
These features make the ALD1721/ALD1721G a versatile, micropower
high precision operational amplifier that is user friendly and easy to use
with virtually no source loading and zero input-loading induced source
errors. Additionally, robust design and rigorous screening make this
device especially suitable for operation in temperature-extreme environments
and rugged conditions.

FEATURES & BENEFITS
• Lead Free - RoHS compatible
• Robust high-temperature operation
• Guaranteed extremely low input signal
power of 1.5 fW
• Input offset voltage of 0.05 mV typical
(0.15 mV max.)
• Low input bias currents of 0.01pA typical
(10pA max.)
• Rail to rail input and output voltage ranges
• All parameters specified for +5V single
supply or ±2.5V dual supplies
• Unity gain stable, no compensation needed
• High voltage gain -- typically 100V/mV @
±2.5V(100dB)
• Drive as low as 10KW load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/ms
• Micro power dissipation
• Suitable for rugged, temperature-extreme
environments

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter




Similar Part No. - ALD1721

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1721 ALD-ALD1721 Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1721DA ALD-ALD1721DA Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E Datasheet
66Kb / 10P
EPAD??MICROPOWER OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E Datasheet
58Kb / 10P
DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Similar Description - ALD1721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com