Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273280 Datasheet (PDF) - PHOENIX CONTACT

3273280 Datasheet PDF - PHOENIX CONTACT
Part # 3273280
Download  3273280 Download
File Size   705.36 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 VT

3273280 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273280 Datasheet PDF - PHOENIX CONTACT

Part # 3273280
Download  3273280 Click to download

File Size   705.36 Kbytes
Page   31 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 VT

3273280 Datasheet (HTML) - PHOENIX CONTACT


3273280 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,color: violet

Your advantages
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273281 PHOENIX-3273281 Datasheet
698Kb / 30P
Distribution block - PTFIX 6X2,5 PK
Jul 21,2022
3273282 PHOENIX-3273282 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 OG
Jun 13, 2022
3273286 PHOENIX-3273286 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 GY
09/12/2020
3273288 PHOENIX-3273288 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 BU
09/12/2020
More results


Similar Description - 3273280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273214 PHOENIX-3273214 Datasheet
931Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35A VT
Jun 13, 2022
3273476 PHOENIX-3273476 Datasheet
645Kb / 29P
Distribution block - PTFIX 6/6X2,5-G VT
Jun 23, 2022
3273082 PHOENIX-3273082 Datasheet
928Kb / 39P
Distribution block - PTFIX 6/6X2,5-NS35 VT
Jul 6, 2022
3273148 PHOENIX-3273148 Datasheet
899Kb / 38P
Distribution block - PTFIX 6X2,5-NS35A VT
Jun 22, 2022
3273410 PHOENIX-3273410 Datasheet
888Kb / 35P
Distribution block - PTFIX 6X2,5-G VT
Jul 20, 2022
3002785 PHOENIX-3002785 Datasheet
503Kb / 20P
Distribution block - PTFIX 12X1,5 VT
Jul 21, 2022
3273016 PHOENIX-3273016 Datasheet
850Kb / 35P
Distribution block - PTFIX 6X2,5-NS35 VT
Jul 21, 2022
3274116 PHOENIX-3274116 Datasheet
612Kb / 27P
Distribution block - PTFIX 6X2,5-NS15A VT
Jul 20, 2022
3273828 PHOENIX-3273828 Datasheet
550Kb / 21P
Distribution block - PTFIX 12X4 VT
Jul 20, 2022
3274182 PHOENIX-3274182 Datasheet
925Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A VT
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com