Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273281 Datasheet (PDF) - PHOENIX CONTACT

3273281 Datasheet PDF - PHOENIX CONTACT
Part # 3273281
Download  3273281 Download
File Size   698.55 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 PK

3273281 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273281 Datasheet PDF - PHOENIX CONTACT

Part # 3273281
Download  3273281 Click to download

File Size   698.55 Kbytes
Page   30 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X2,5 PK

3273281 Datasheet (HTML) - PHOENIX CONTACT


3273281 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block, nom. voltage: 450 V,
nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 - 4 mm2
, mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: pink

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3273281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273280 PHOENIX-3273280 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 VT
Jun 24, 2022
3273282 PHOENIX-3273282 Datasheet
705Kb / 31P
Distribution block - PTFIX 6X2,5 OG
Jun 13, 2022
3273286 PHOENIX-3273286 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 GY
09/12/2020
3273288 PHOENIX-3273288 Datasheet
183Kb / 15P
Distribution block - PTFIX 12X2,5 BU
09/12/2020
More results


Similar Description - 3273281

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1045941 PHOENIX-1045941 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 PK
Jun 22, 2022
3273347 PHOENIX-3273347 Datasheet
730Kb / 31P
Distribution block - PTFIX 6/6X2,5 PK
Jul 20, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3273017 PHOENIX-3273017 Datasheet
848Kb / 35P
Distribution block - PTFIX 6X2,5-NS35 PK
Jul 21, 2022
3273083 PHOENIX-3273083 Datasheet
924Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35 PK
Sep 8, 2022
3273149 PHOENIX-3273149 Datasheet
899Kb / 37P
Distribution block - PTFIX 6X2,5-NS35A PK
Jul 21, 2022
3273477 PHOENIX-3273477 Datasheet
642Kb / 28P
Distribution block - PTFIX 6/6X2,5-G PK
Sep 8, 2022
3273215 PHOENIX-3273215 Datasheet
927Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS35A PK
Sep 8, 2022
3274183 PHOENIX-3274183 Datasheet
934Kb / 38P
Distribution block - PTFIX 6/6X2,5-NS15A PK
Jul 29, 2022
3274117 PHOENIX-3274117 Datasheet
612Kb / 27P
Distribution block - PTFIX 6X2,5-NS15A PK
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com