Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273616 Datasheet (PDF) - PHOENIX CONTACT

3273616 Datasheet PDF - PHOENIX CONTACT
Part # 3273616
Download  3273616 Download
File Size   479.89 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35 BU

3273616 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273616 Datasheet PDF - PHOENIX CONTACT

Part # 3273616
Download  3273616 Click to download

File Size   479.89 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-NS35 BU

3273616 Datasheet (HTML) - PHOENIX CONTACT


3273616 Product details

Distribution block, nom. voltage: 800 V, nominal current: 32 A, connection method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS35/15, color: blue

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273610 PHOENIX-3273610 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 OG
Jul 20, 2022
3273612 PHOENIX-3273612 Datasheet
504Kb / 19P
Distribution block - PTFIX 10/6X4-NS35-FE
Sep 8, 2022
3273614 PHOENIX-3273614 Datasheet
478Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 GY
Jun 23, 2022
3273618 PHOENIX-3273618 Datasheet
127Kb / 11P
Distribution block - PTFIX 10/12X4-NS35 RD
10/28/2020
More results


Similar Description - 3273616

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273618 PHOENIX-3273618 Datasheet
127Kb / 11P
Distribution block - PTFIX 10/12X4-NS35 RD
10/28/2020
3273620 PHOENIX-3273620 Datasheet
480Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 YE
Jun 10, 2022
3273628 PHOENIX-3273628 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 BK
Jun 3, 2022
3273614 PHOENIX-3273614 Datasheet
478Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 GY
Jun 23, 2022
3273880 PHOENIX-3273880 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/12X4 BU
Jun 13, 2022
3273550 PHOENIX-3273550 Datasheet
476Kb / 19P
Distribution block - PTFIX 12X4-NS35 BU
Jul 20, 2022
3273624 PHOENIX-3273624 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 BN
Sep 8, 2022
3273626 PHOENIX-3273626 Datasheet
475Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 WH
Jun 22, 2022
3273630 PHOENIX-3273630 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 VT
Sep 8, 2022
3273634 PHOENIX-3273634 Datasheet
485Kb / 19P
Distribution block - PTFIX 10/12X4-NS35-FE
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com