Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3273612 Datasheet (PDF) - PHOENIX CONTACT

3273612 Datasheet PDF - PHOENIX CONTACT
Part # 3273612
Download  3273612 Download
File Size   504.6 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-NS35-FE

3273612 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273612 Datasheet PDF - PHOENIX CONTACT

Part # 3273612
Download  3273612 Click to download

File Size   504.6 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/6X4-NS35-FE

3273612 Datasheet (HTML) - PHOENIX CONTACT


3273612 Product details

Distribution block, nom. voltage: 800 V, nominal current: 63 A, connection method: Push-in
connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection, Line contact,
Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS
35/15, color: black/yellow

Your advantages
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Clear wiring, thanks to eleven different color variants




Similar Part No. - 3273612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273610 PHOENIX-3273610 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 OG
Jul 20, 2022
3273614 PHOENIX-3273614 Datasheet
478Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 GY
Jun 23, 2022
3273616 PHOENIX-3273616 Datasheet
479Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 BU
Jun 29, 2022
3273618 PHOENIX-3273618 Datasheet
127Kb / 11P
Distribution block - PTFIX 10/12X4-NS35 RD
10/28/2020
More results


Similar Description - 3273612

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273596 PHOENIX-3273596 Datasheet
500Kb / 20P
Distribution block - PTFIX 10/6X4-NS35 RD
Jun 29, 2022
3273546 PHOENIX-3273546 Datasheet
483Kb / 20P
Distribution block - PTFIX 6X4-NS35-FE
Jun 29, 2022
3273610 PHOENIX-3273610 Datasheet
495Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 OG
Jul 20, 2022
3273876 PHOENIX-3273876 Datasheet
580Kb / 21P
Distribution block - PTFIX 10/6X4-FE
Jul 29, 2022
3273594 PHOENIX-3273594 Datasheet
498Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 BU
3273598 PHOENIX-3273598 Datasheet
498Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 YE
3273600 PHOENIX-3273600 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 GN
3273604 PHOENIX-3273604 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 WH
3273608 PHOENIX-3273608 Datasheet
499Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 VT
3273609 PHOENIX-3273609 Datasheet
497Kb / 19P
Distribution block - PTFIX 10/6X4-NS35 PK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com