Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD110800A Datasheet (PDF) - Advanced Linear Devices

ALD110800A Datasheet PDF - Advanced Linear Devices
Part # ALD110800A_V01
Download  ALD110800A Download
File Size   127.12 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY

ALD110800A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD110800A Datasheet PDF - Advanced Linear Devices

Part # ALD110800A_V01
Download  ALD110800A Click to download

File Size   127.12 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY

ALD110800A Datasheet (HTML) - Advanced Linear Devices


ALD110800A Product details

GENERAL DESCRIPTION
ALD110800A/ALD110800/ALD110900A/ALD110900 are high precision
monolithic quad/dual N-Channel MOSFETs matched at the factory using
ALD’s proven EPAD CMOS technology. These devices are members of
the EPAD® Matched Pair MOSFET Family.
Intended for low voltage small signal applications, the ALD110800/
ALD110900 features Zero-Threshold™ voltage, which reduces or eliminates
input to output voltage level shift, including circuits where the signal
is referenced to GND or V+. This feature greatly reduces output signal
voltage level shift and enhances signal operating range, especially for
very low operating voltage environments. With these zero threshold devices,
an analog circuit with multiple stages can be constructed to operate
at extremely low supply or bias voltage levels. For example, an input
amplifier stage operating at 0.2V supply voltage has been demonstrated.
ALD110800A/ALD110800/ALD110900A/ALD110900 matched pair
MOSFETs are designed for exceptional device electrical characteristics
matching with the threshold voltage set precisely at +0.00V +/-0.01V, featuring
a typical offset voltage of only +/-0.001V (1mV). As these devices
are on the same monolithic chip, they also exhibit excellent tempco tracking
characteristics. They are versatile as design components for a broad
range of analog applications such as basic building blocks for current
sources, differential amplifier input stages, transmission gates, and multiplexer
applications.
Besides matched pair electrical characteristics, each individual MOSFET
also exhibits well controlled parameters, enabling the user to depend on
tight design limits. Even units from different batches and different date
of manufacture have correspondingly well matched characteristics.
These devices are built for minimum offset voltage and differential thermal
response, and they are designed for switching and amplifying applications
in +0.2V to +10V systems where low input bias current, low input
capacitance, and fast switching speed are desired. The VGS(th) of these
devices is set at +0.00V, which classifies them as both enhancement mode
and depletion mode devices. When the gate is set at 0.00V, the drain
current is +1µA @ VDS = 0.1V, which allows a class of circuits with output
voltage level biased at or near input voltage level without voltage level
shift. These devices exhibit well controlled turn-off and sub-threshold
characteristics of standard enhancement mode MOSFETs.
The ALD110800A/ALD110800/ALD110900A/ALD110900 feature high input
impedance (1012Ω) and high DC current gain (>108). A sample calculation
of the DC current gain at a drain current of 3mA and input leakage
current of 30pA at 25°C is 3mA/30pA = 100,000,000. For most applications,
connect the V+ pin to the most positive voltage and the V- and IC
pins to the most negative voltage in the system. All other pins must have
voltages within these voltage limits at all times.

FEATURES
• Precision zero threshold voltage mode
• Nominal RDS(ON) @ VGS = 0.00V of 104KΩ
• Matched MOSFET-to-MOSFET characteristics
• Tight lot-to-lot parametric control
• VGS(th) match (VOS) to 2mV and 10mV max.
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance
• Low input/output leakage currents

APPLICATIONS
• Energy harvesting circuits
• Very low voltage analog and digital circuits
• Zero power fail safe circuits
• Backup battery circuits & power failure detector
• Low level voltage clamp & zero crossing detector
• Source followers and buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Analog switches / multiplexers
• Voltage comparators and level shifters




Similar Part No. - ALD110800A_V01

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110800APC ALD-ALD110800APC Datasheet
38Kb / 2P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD110800APCL ALD-ALD110800APCL Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD110800APCL ALD-ALD110800APCL Datasheet
104Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD
ALD110800ASC ALD-ALD110800ASC Datasheet
38Kb / 2P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD110800ASCL ALD-ALD110800ASCL Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
More results


Similar Description - ALD110800A_V01

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD114804A ALD-ALD114804A Datasheet
112Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2016
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com